Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M93C66-R

  • AI
    ## Overview of the M93C66-R The **M93C66-R** is a 4-Kbit low-voltage Serial Microwire EEPROM (Electrically Erasable Programmable Read-Only Memory). It is widely used for storing configuration data, calibration constants, and user preferences in devices where power efficiency and compact size are critical. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 4 Kbit (4096 bits) | | **Memory Organization** | 256 x 16-bit or 512 x 8-bit (User selectable) | | **Interface** | Microwire (3-wire serial) | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz | | **Operating Temperature** | -40°C to +85°C | | **Write Cycles** | 1,000,000 cycles (minimum) | | **Data Retention** | 40 Years | --- ### 2. Pin Configuration and Functions The M93C66-R is typically available in small packages like **SO8** or **TSSOP8**. | Pin Name | Type | Description | | :--- | :--- | :--- | | **S (Chip Select)** | Input | Activates the device for communication. | | **D (Serial Data Input)** | Input | Used to transfer data/opcodes into the device. | | **Q (Serial Data Output)** | Output | Used to transfer data out of the device. | | **C (Serial Clock)** | Input | Synchronizes the data transfer. | | **ORG (Organization)** | Input | Sets memory to 8-bit (GND) or 16-bit (Vcc) mode. | | **Vcc / Vss** | Power | Supply voltage and Ground. | --- ### 3. Core Electronic Features #### A. Low Voltage Operation ("-R" Suffix) The "-R" suffix specifically denotes that this part is optimized for low-voltage applications, operating reliably down to **1.8V**. This makes it ideal for battery-powered handheld electronics. #### B. Memory Organization (ORG Pin) One of the most flexible parts of the M93C66-R is the **ORG pin**: * **Tied to Vcc:** The memory is organized as **256 words of 16 bits**. * **Tied to Vss (GND):** The memory is organized as **512 bytes of 8 bits**. * *Note: If left floating, it defaults to the internal state, but it is best practice to hard-wire it.* #### C. Write Protection The device includes a **Write Enable/Disable (WEN/WDS)** instruction set. To prevent accidental data corruption (especially during power-up), the device must receive a specific "Write Enable" command before any data can be modified. --- ### 4. Typical Application Circuit In a standard electronic circuit, the M93C66-R interacts with a Microcontroller (MCU) as follows: ```c // Example Logical Connection MCU Pin (Output) --> S (Chip Select) MCU Pin (Output) --> C (Serial Clock) MCU Pin (Output) --> D (Data Input) MCU Pin (Input) <-- Q (Data Output) Vcc (1.8V-5.5V) --> Vcc & ORG (for 16-bit mode) ``` --- ### 5. Common Use Cases * **Consumer Electronics:** Storing TV channel settings or volume levels. * **Industrial:** Calibration data for sensors. * **Automotive:** Storing odometer data or VIN numbers (in automotive-grade variants).
    ✨ Follow-up Questions
    • ⤷ What is the main difference between the M93C66-R and the standard M93C66-W?
    • ⤷How do I perform a hardware reset on this EEPROM?
    • ⤷Can the ORG pin be toggled dynamically during operation?