Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M93C66-RMB3P

  • AI
    The **M93C66-RMB3P** is a specific variant of the 4-Kbit serial MICROWIRE EEPROM (Electrically Erasable Programmable Memory) manufactured by STMicroelectronics. It is commonly used for parameter storage in automotive and industrial applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 4 Kbit (4096 bits) | | **Organization** | 256 x 16-bit or 512 x 8-bit (User selectable) | | **Interface** | MICROWIRE (Serial Peripheral Interface variant) | | **Clock Frequency** | Up to 2 MHz | | **Operating Voltage** | 1.8V to 5.5V | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Operating Temperature** | -40°C to +125°C (Automotive Grade 3) | --- ### 2. Part Number Breakdown (M93C66-RMB3P) To understand the specific electronic characteristics, we can decode the suffix: * **M93C66**: The base device family (4Kb MICROWIRE EEPROM). * **-R**: Indicates the operating voltage range of **1.8V to 5.5V**. * **MB**: Represents the package type (**UFDFPN8** 2x3mm). * **3**: Indicates the Temperature Range (**Grade 3**: -40 to +125 °C). * **P**: Indicates **RoHS compliance** and Antimony-free/Halogen-free (Green). --- ### 3. Pin Configuration (UFDFPN8) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **S** | Chip Select (Active High) | | 2 | **C** | Serial Clock | | 3 | **D** | Serial Data Input | | 4 | **Q** | Serial Data Output | | 5 | **Vss** | Ground | | 6 | **ORG** | Organization Select (High: x16, Low/Floating: x8) | | 7 | **DU** | Don't Use (Internal connection) | | 8 | **Vcc** | Supply Voltage | --- ### 4. Core Features and Functionality * **Write Protection**: The device includes a software write-protection mechanism to prevent accidental data corruption. * **Ready/Busy Status**: During a write cycle, the Data Output (Q) pin can be used to poll the internal status to see if the write operation is complete. * **Sequential Read**: Allows the controller to read the entire memory contents in a single continuous stream. * **High Reliability**: Designed for 4 million write cycles and 200-year data retention. --- ### 5. Application Example (Code Snippet) While the protocol is MICROWIRE, it is often bit-banged or used via a modified SPI peripheral. ```cpp // Pseudocode for a basic Write Enable (WEN) command void M93C66_WriteEnable() { DigitalWrite(CHIP_SELECT, HIGH); ShiftOut(DATA_IN, CLOCK, MSBFIRST, 0b10011); // Start bit + Opcode + Address bits DigitalWrite(CHIP_SELECT, LOW); } ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the MICROWIRE and SPI protocols for this EEPROM?
    • ⤷ How does the ORG pin affect the memory addressing of the M93C66-R?
    • ⤷ Can this specific part be used in 5V legacy automotive systems?