AI

## Overview of the M93C74-RBN3
The **M93C74-RBN3** is a specialized non-volatile memory chip. Specifically, it is a **8-Kbit Serial Microwire Bus EEPROM** (Electrically Erasable Programmable Read-Only Memory). It is commonly used in automotive, industrial, and consumer electronics to store small amounts of data that must be preserved even when power is lost.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbits (8,192 bits) |
| **Organization** | Configurable as 1024 x 8-bit or 512 x 16-bit |
| **Interface** | Microwire (3-wire serial) |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | Up to 2 MHz |
| **Package Type** | PDIP8 (Plastic Dual In-line Package, 8 pins) |
| **Operating Temp** | -40°C to +125°C (Automotive Grade 3) |
---
### Key Internal Components and Features
1. **Memory Array**: The core 8-Kb storage area where data is kept. It has high endurance (typically 1 million write cycles).
2. **Instruction Register**: Decodes incoming serial commands (READ, WRITE, ERASE, etc.).
3. **Address Decoder**: Directs the data flow to the specific memory location requested by the host microcontroller.
4. **Data Retention**: Designed to hold data for over 40 years without power.
5. **Write Protection**: Includes a status register and software-controlled write-disable modes to prevent accidental data corruption.
---
### Pin Configuration (PDIP8)
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **S** | Chip Select (Activate/Deactivate the device) |
| 2 | **C** | Serial Clock |
| 3 | **D** | Serial Data Input |
| 4 | **Q** | Serial Data Output |
| 5 | **Vss** | Ground (0V) |
| 6 | **ORG** | Organization Select (x8 or x16 mode) |
| 7 | **DU** | Don't Use (Must be connected to Vcc or Vss) |
| 8 | **Vcc** | Supply Voltage |
---
### Application Example: Microcontroller Interfacing
The device communicates with a microcontroller via three main lines (Clock, Data In, Data Out) plus a Chip Select.
```c
// Example logic for a Microwire Write Enable command
void M93C74_WriteEnable() {
DigitalWrite(CS_PIN, HIGH); // Select the chip
ShiftOut(WEN_OPCODE); // Send Write Enable opcode (100 11XXXXX)
DigitalWrite(CS_PIN, LOW); // Deselect to finish instruction
}
```
---
- ⤷
What is the difference between Microwire and SPI interfaces?
- ⤷ How does the 'ORG' pin change the memory organization?
- ⤷ What are the common failure modes for this type of EEPROM?