Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M93C86-RBN6P

  • AI
    ## M93C86-RBN6P: Electronic Component Overview The **M93C86-RBN6P** is a specific variant of Serial EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is widely used for non-volatile data storage in consumer electronics and industrial applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 16 Kbit (2,048 x 8 bits or 1,024 x 16 bits) | | **Interface Type** | Microwire (Serial 3-wire) | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz (at 5V), 1 MHz (at 1.8V) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Package Type** | PDIP8 (Plastic Dual In-line Package, 8 pins) | | **Write Cycles** | 4 Million cycles | | **Data Retention** | 200 Years | --- ### 2. Functional Description The device is organized internally as either bytes (8-bit) or words (16-bit). The organization is typically selected by the state of the **ORG** pin. #### Pin Configuration (PDIP8) 1. **S (Chip Select):** Activates the device. 2. **C (Serial Clock):** Synchronizes data transfer. 3. **D (Serial Data Input):** Receives instructions and data. 4. **Q (Serial Data Output):** Outputs data during read operations. 5. **Vss:** Ground. 6. **ORG:** Organization Select (Internal architecture 8-bit vs 16-bit). 7. **DU:** Don't Use (Must be left unconnected or tied to Vss). 8. **Vcc:** Power Supply. --- ### 3. Part Number Breakdown The suffix **-RBN6P** provides specific details about the manufacturing process and packaging: * **M93C86:** Base part number (16 Kbit Microwire EEPROM). * **-R:** Operating voltage range (1.8V to 5.5V). * **BN:** Package type (PDIP8). * **6:** Industrial temperature range (-40 to +85°C). * **P:** RoHS compliant / Lead-free (ECOPACK). --- ### 4. Applications Due to its robust write cycle endurance and long-term data retention, this part is commonly found in: * **Automotive:** Storing calibration data and odometer settings. * **Industrial:** Configuration parameters for sensors and controllers. * **Consumer:** Storing user preferences in appliances or TV settings. ---
    ✨ Follow-up Questions
    • ⤷How does the ORG pin change the memory addressing?
    • ⤷ What are the main differences between Microwire and I2C EEPROMs?
    • ⤷ Can this chip be programmed using a standard Arduino or Raspberry Pi?