Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M93C86-RMB3TP/S

  • AI
    ## Technical Overview: M93C86-RMB3TP/S The **M93C86-RMB3TP/S** is a high-performance, low-voltage serial Electrically Erasable Programmable Read-Only Memory (EEPROM). It is commonly used for parameter storage in automotive and industrial applications where reliability is critical. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 16 Kbit (2048 x 8 bits or 1024 x 16 bits) | | **Interface** | MICROWIRE (Serial Peripheral Interface variant) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) / 1 MHz (at 1.8V) | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Temperature Range** | -40°C to +125°C (Grade 3) | | **Retention / Endurance** | 40 Years / 4 Million Write Cycles | --- ### 2. Core Electronic Components & Architecture The internal circuitry of the M93C86-RMB3TP/S consists of several functional blocks that manage data flow and storage: * **Memory Array:** The 16Kb storage area organized into rows and columns of non-volatile floating-gate transistors. * **Control Logic:** Decodes incoming instructions (READ, WRITE, ERASE) and manages the internal timing for the high-voltage programming cycle. * **Address Decoder:** Selects the specific 8-bit or 16-bit word based on the address bits received. * **Data Input/Output Buffers:** Temporarily holds data being clocked into (D) or out of (Q) the device. * **Charge Pump:** An internal voltage multiplier that generates the high voltage required to program or erase the EEPROM cells from the low-voltage supply. --- ### 3. Pin Configuration (UFDFPN8) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **S** | Chip Select (Active High) | | 2 | **C** | Serial Clock | | 3 | **D** | Serial Data Input | | 4 | **Q** | Serial Data Output | | 5 | **Vss** | Ground | | 6 | **ORG** | Organization Select (x8 or x16) | | 7 | **DU** | Don't Use / No Connect | | 8 | **Vcc** | Supply Voltage | --- ### 4. Implementation Details #### The "ORG" Pin Functionality The device is configurable via the **ORG** pin: * Connect to **Vcc** or leave floating: Organized as **1024 x 16 bits**. * Connect to **Vss**: Organized as **2048 x 8 bits**. #### Sequence Example (Write Cycle) ```c // Pseudo-code logic for a Write Enable (WEN) sequence 1. Set CS (Chip Select) HIGH 2. Send '100' (Start bit + Opcode for WEN) 3. Send '11XXXXXXX' (Address/Control bits) 4. Set CS LOW (To trigger internal logic) ``` ---
    ✨ Follow-up Questions
    • ⤷What are the primary differences between MICROWIRE and standard SPI interfaces?
    • ⤷ How does the 'Grade 3' temperature rating affect its use in automotive design?
    • ⤷ What is the physical size and footprint of the UFDFPN8 package?