Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M95040-RMB6TG

  • AI
    ## Technical Overview of M95040-RMB6TG The **M95040-RMB6TG** is a low-voltage, high-performance **4-Kbit serial SPI EEPROM** (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is commonly used for parameter storage, configuration settings, and small data logging in space-constrained electronic devices. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 4 Kbit (512 x 8 bits) | | **Interface** | SPI (Serial Peripheral Interface) | | **Clock Frequency** | Up to 20 MHz | | **Operating Voltage** | 1.8V to 5.5V | | **Package Type** | UFDFPN8 (MLP8) - Ultra-thin Fine pitch Dual Flat No-lead | | **Operating Temperature** | -40°C to +85°C | | **Write Cycles** | More than 4 million cycles | | **Data Retention** | More than 200 years | --- ### 2. Electronic Architecture and Pinout The device operates via a standard 4-wire SPI bus. Below is the functional description of the pins: * **S (Chip Select):** Activates the device when held low. * **D (Serial Data Input):** Used to transfer data/opcodes into the device. * **Q (Serial Data Output):** Used to read data out of the device. * **C (Serial Clock):** Provides the timing for data synchronization. * **W (Write Protect):** Hardware protection to prevent unauthorized writes to the memory. * **HOLD:** Pauses serial communication without deselecting the device. * **Vcc/Vss:** Power supply and Ground. --- ### 3. Core Functional Features #### A. Memory Management The memory is organized as **512 bytes**. It supports **Page Write** mode, allowing up to 16 bytes to be written in a single instruction cycle, which significantly improves throughput compared to byte-by-byte writing. #### B. Software/Hardware Protection - **Status Register:** Contains a "Write Enable Latch" (WEL) bit and "Block Protect" (BP) bits. - **Block Protection:** Allows the user to protect a specific quarter, half, or the entire memory array from being overwritten. - **W Pin:** When combined with the Status Register bits, it provides robust hardware-level write protection. #### C. Power Management The "R" in the part number signifies a low-voltage range (**1.8V - 5.5V**). This makes it ideal for battery-operated electronics where minimizing power consumption is critical. It features a low standby current (typically less than 1 µA at 1.8V). --- ### 4. Application Use-Cases 1. **Consumer Electronics:** Storing user preferences in wearables or smart home devices. 2. **Industrial:** Calibration data storage for sensors and actuators. 3. **Communication:** Storing MAC addresses or configuration parameters in Wi-Fi/Bluetooth modules. ---
    ✨ Follow-up Questions
    • ⤷What are the specific differences between M95040 and M95080 versions?
    • ⤷ How does the 'HOLD' pin function during a data transfer?
    • ⤷ What are the PCB soldering considerations for the UFDFPN8 package?