M95128-RMB3G/P
AI

The **M95128-RMB3G/P** is a high-performance, high-reliability Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by **STMicroelectronics**. It is commonly used in industrial and consumer electronics for non-volatile data storage.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 128 Kbit (16,384 x 8 bits) |
| **Interface** | SPI (Serial Peripheral Interface) |
| **Max Clock Frequency** | 20 MHz (at 4.5V - 5.5V) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Operating Temperature** | -40°C to +125°C (Automotive Grade 3) |
| **Package Type** | UFDFPN8 (MLP8) - Ultra Thin Fine Pitch Dual Flat No-lead |
| **Endurance** | 4 Million Write Cycles |
| **Data Retention** | 200 Years |
---
## 2. Key Electronic Features
### A. SPI Communication
The device operates via a standard 4-wire SPI bus:
* **S (Chip Select):** Activates the device.
* **D (Serial Data Input):** Receives instructions and data.
* **Q (Serial Data Output):** Sends data out.
* **C (Serial Clock):** Synchronizes data movement.
### B. Hardware Protection
The part includes dedicated pins for data integrity:
* **W (Write Protect):** Provides hardware-level protection against unauthorized write instructions to the Status Register.
* **HOLD:** Allows the CPU to pause serial communication without resetting the device selection.
### C. Advanced Write Operations
* **Byte Write:** Allows modification of a single byte.
* **Page Write:** Allows writing up to 64 bytes in a single cycle, significantly increasing throughput.
* **Self-Timed Write Cycle:** The internal write logic handles the timing (typically 5ms), freeing up the MCU.
---
## 3. Package and Ordering Information (Decoding the Suffix)
The specific part number **M95128-RMB3G/P** breaks down as follows:
* **M95:** SPI family of EEPROMs.
* **128:** 128 Kbit density.
* **-R:** Low voltage range (1.8V to 5.5V).
* **MB:** UFDFPN8 (2x3 mm) package.
* **3:** Range 3 temperature (-40 to +125°C).
* **G/P:** High reliability/Automotive grade manufacturing process with Lead-free/RoHS compliance.
---
## 4. Common Applications
* **Automotive Systems:** Storage of calibration data and error logs.
* **Industrial Controllers:** Storing configuration parameters and sensor setpoints.
* **Consumer Electronics:** Storing user preferences and firmware settings in small-form-factor devices (due to the UFDFPN8 package).
- ⤷What is the difference between the M95128-R and the M95128-W versions?
- ⤷ How do I implement the 'Hold' function in a circuit design?
- ⤷ What is the typical current consumption of this chip in Standby Mode?