M95128-RMB3TG/PC
AI

The **M95128-RMB3TG/PC** is a specific variant of the M95128 series manufactured by **STMicroelectronics**. It is a high-performance, electrically erasable programmable memory (EEPROM) designed for low-voltage applications.
---
## 1. Core Technical Specifications
The following table outlines the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 128 Kbit (16,384 bytes) |
| **Interface** | SPI (Serial Peripheral Interface) |
| **Clock Frequency** | Up to 20 MHz |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Operating Temperature** | -40°C to +125°C (Automotive Grade 3) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Write Cycles** | 4 Million cycles (typical) |
| **Data Retention** | 200 Years |
---
## 2. Key Internal Features
The "PC" suffix often denotes specific process technology or assembly site indicators, but the fundamental architecture remains consistent with the M95128 series.
### A. Memory Architecture
* **Organization:** The memory is organized as 16,384 x 8 bits.
* **Page Size:** It features a **64-byte page write buffer**, allowing up to 64 bytes to be written in a single instruction cycle.
### B. Protocol and Protection
* **SPI Modes:** Supports SPI modes 0 (0,0) and 3 (1,1).
* **Write Protection:** Includes a hardware Write Protect (`/WP`) pin and software-definable block protection via the Status Register (Quarter, Half, or Whole memory array).
* **Hold Function:** A `/HOLD` pin allows the serial communication to be paused without deselecting the device.
---
## 3. Part Number Breakdown
Understanding the nomenclature helps identify the exact physical and electrical traits:
* **M95**: SPI Serial EEPROM Family.
* **128**: Density (128 Kbit).
* **-R**: Operating voltage range (1.8V to 5.5V).
* **MB**: Package code for UFDFPN8 (2x3 mm).
* **3**: Temperature Range (-40°C to +125°C).
* **TG**: Tape & Reel packing with RoHS compliance (Green/Halogen-free).
* **PC**: Internal manufacturing process/identification code.
---
## 4. Typical Applications
Due to its high endurance and wide voltage range, this part is commonly used in:
1. **Automotive Systems:** Storing calibration data and event logs.
2. **Industrial Controllers:** Configuration settings and parameter storage.
3. **Medical Devices:** Reliable data logging in portable equipment.
4. **Consumer Electronics:** Firmware backup and user preferences.
---
- ⤷
What are the main differences between the M95128 and the I2C-based M24128?
- ⤷ How does the 'Hold' function affect the SPI bus timing during data transmission?
- ⤷ What is the typical current consumption in standby mode for this specific model?