M95128-RMB6G/PC
AI

The **M95128-RMB6G/PC** is a specific variant of the M95128 family, which consists of high-performance, electrically erasable programmable read-only memory (**EEPROM**) devices. It is manufactured by **STMicroelectronics**.
---
## 1. Technical Specifications
This part is characterized by its memory density, communication protocol, and specific package type.
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 128 Kbit (16,384 bytes) |
| **Interface** | SPI (Serial Peripheral Interface) |
| **Clock Frequency** | Up to 20 MHz (at 5V) / 5 MHz to 10 MHz (at lower voltages) |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Page Size** | 64 Bytes |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Endurance** | 4 Million write cycles |
| **Data Retention** | 200 Years |
---
## 2. Pin Configuration (Typical UFDFPN8)
The "MB" in the part number refers to the **UFDFPN8** (Ultra-thin Fine pitch Dual Flat No-lead) package.
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **S#** | Chip Select (Active Low) |
| 2 | **Q** | Serial Data Output |
| 3 | **W#** | Write Protect |
| 4 | **Vss** | Ground |
| 5 | **D** | Serial Data Input |
| 6 | **C** | Serial Clock |
| 7 | **HOLD#** | Pause Serial Communication |
| 8 | **Vcc** | Supply Voltage |
---
## 3. Part Number Breakdown (Suffix Meaning)
Decoding the `M95128-RMB6G/PC`:
* **M95**: Family (SPI Serial Access EEPROM).
* **128**: Density (128 Kbit).
* **-R**: Range/Voltage (1.8V to 5.5V).
* **MB**: Package (UFDFPN8 - 2x3 mm).
* **6**: Temperature Range (-40°C to 85°C).
* **G**: EcoPack2 (RoHS compliant, Halogen-free).
* **/PC**: Process technology/Internal packing code (Specific to manufacturing site or special taping).
---
## 4. Key Operating Features
1. **Write Protection**: Includes a hardware Write Protect pin (`W#`) and software-definable block protection via the Status Register.
2. **Fast Write Cycle**: Internal write cycle time is typically **5ms**.
3. **Low Power Consumption**: Consumes less than 5µA in Standby mode, making it ideal for battery-powered devices.
4. **Byte/Page Write**: Allows for writing a single byte or a full 64-byte page in one cycle.
---
## 5. Usage Example (Pseudo-Code)
To read a byte from address `0x00FF` using an SPI master:
```c
// Example SPI sequence to Read Data
SPI_Select_Low(); // Pull S# low
SPI_Transfer(0x03); // Send READ instruction
SPI_Transfer(0x00); // Send Address High Byte
SPI_Transfer(0xFF); // Send Address Low Byte
uint8_t data = SPI_Read();// Receive data byte
SPI_Select_High(); // Pull S# high
```
- ⤷
What is the difference between the M95128-R and the M95128-W versions?
- ⤷ How does the 'HOLD' pin function during a SPI transaction?
- ⤷ What are the PCB soldering recommendations for the UFDFPN8 package?