M95160-RMB3T
AI

The **M95160-RMB3T** is a specific variant of the M95160 family, which consists of Electrically Erasable Programmable Read-Only Memory (EEPROM) devices. These are commonly used for parameter storage in consumer electronics, automotive, and industrial applications.
---
## 1. Device Overview
The M95160-RMB3T is a **16-Kbit (2048 x 8 bits)** non-volatile memory device that communicates via the **SPI (Serial Peripheral Interface)** bus.
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 16 Kbit (2 KB) |
| **Interface** | SPI (Mode 0 and Mode 3) |
| **Clock Frequency** | Up to 10 MHz (or 20 MHz depending on voltage) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Package Type** | UFDFPN8 (MLP8) |
| **Temperature Range** | -40°C to +125°C |
---
## 2. Pin Configuration (UFDFPN8)
The device typically uses an 8-pin layout. Understanding these pins is crucial for PCB design:
| Pin | Name | Description |
| :--- | :--- | :--- |
| 1 | **S#** | Chip Select (Active Low) |
| 2 | **Q** | Serial Data Output (MISO) |
| 3 | **W#** | Write Control / Protect |
| 4 | **VSS** | Ground |
| 5 | **D** | Serial Data Input (MOSI) |
| 6 | **C** | Serial Clock |
| 7 | **HOLD#** | Hold (Suspends communication without deselecting) |
| 8 | **VCC** | Supply Voltage |
---
## 3. Core Technical Features
### Memory Architecture
The memory is organized as **2048 bytes of 8 bits each**. It features a **32-byte page write buffer**, allowing you to write up to 32 bytes in a single write cycle, which significantly improves throughput.
### Data Retention and Endurance
* **Endurance:** Guaranteed for more than **4 million write cycles**.
* **Data Retention:** Over **200 years**, making it ideal for long-term firmware or calibration data storage.
### Write Protection
The device includes several layers of protection:
* **Status Register:** Software write protection via block-protect bits (BP0, BP1).
* **Hardware Protection:** The **W#** pin can be used to freeze the status register and prevent any accidental overwrites.
---
## 4. Part Number Breakdown (M95160-RMB3T)
The suffix provides specific manufacturing details:
* **M95160:** Base part number (16 Kbit SPI EEPROM).
* **-R:** Indicates the voltage range (1.8V to 5.5V).
* **MB:** Package code for **UFDFPN8** (Ultra-thin Fine pitch Dual Flat No-lead).
* **3:** Device Grade 3 (Operating temperature -40 to +125°C).
* **T:** Tape and Reel packaging.
---
- ⤷
What are the main differences between the M95160 and the M24160 series?
- ⤷ How do you implement the Write Protect (W#) pin in a low-power circuit?
- ⤷ Can this EEPROM be used in automotive safety-critical applications?