Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M95320-RMB6TP/PC

  • AI
    The **M95320-RMB6TP** is a specific variant of the 32-Kbit serial SPI (Serial Peripheral Interface) EEPROM manufactured by **STMicroelectronics**. It is widely used in automotive and industrial applications for non-volatile data storage. --- ### 1. General Specifications The device is designed to provide high reliability and low power consumption. | Parameter | Value | | :--- | :--- | | **Memory Size** | 32 Kbits (4096 x 8 bits) | | **Interface** | SPI (Mode 0 and Mode 3) | | **Clock Frequency** | Up to 20 MHz | | **Operating Voltage (Vcc)** | 1.8V to 5.5V | | **Operating Temperature** | -40°C to +85°C | | **Package** | UFDFPN8 (MLP8) | --- ### 2. Key Features * **Write Protection:** Includes a hardware Write Protect (`/WP`) pin and software-programmable block protection. * **High Endurance:** Supports 4 million write cycles (at 25°C). * **Data Retention:** Guaranteed for more than 200 years. * **Page Write:** Allows writing up to 32 bytes in a single instruction cycle. * **ESD Protection:** High Electrostatic Discharge (ESD) immunity, typically exceeding 4000V (Human Body Model). --- ### 3. Part Number Breakdown Understanding the suffix codes is crucial for sourcing the exact component: | Code Segment | Meaning | | :--- | :--- | | **M95** | SPI Serial Access EEPROM family | | **320** | 32 Kbit density | | **-R** | Operating Voltage range: 1.8V to 5.5V | | **MB** | Package: UFDFPN8 (2 x 3 mm) | | **6** | Temperature range: -40 to +85 °C | | **TP** | Packing: Tape & Reel | --- ### 4. Pin Configuration The device usually comes in an 8-pin package with the following standard SPI layout: ```text 1. /S (Chip Select) 5. SDA (Serial Data In) 2. Q (Serial Data Out) 6. SCK (Serial Clock) 3. /W (Write Protect) 7. /HOLD (Hold) 4. VSS (Ground) 8. VCC (Supply Voltage) ``` --- ### 5. Application Areas * **Consumer Electronics:** Storing configuration settings in cameras or smart devices. * **Industrial:** Calibration data and parameter storage for sensors. * **Medical:** Data logging in portable medical equipment.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the M95320 and the M24C32 (I2C version)?
    • ⤷ How does the /HOLD pin function during an SPI communication cycle?
    • ⤷ What is the typical power consumption in Standby mode for this part?