Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M95640-RMB3TG

  • AI
    The **M95640-RMB3TG** is a high-performance, electrically erasable programmable read-only memory (EEPROM) manufactured by STMicroelectronics. It is widely used in automotive and industrial applications due to its reliability and low power consumption. --- ### ## 1. Technical Specifications The following table summarizes the key electrical and physical characteristics of the M95640-RMB3TG: | Feature | Specification | | :--- | :--- | | **Memory Size** | 64 Kbit (8,192 x 8 bits) | | **Interface** | SPI (Serial Peripheral Interface) | | **Max Clock Frequency** | 20 MHz (at 4.5V - 5.5V) | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Endurance** | 4 million write cycles | | **Data Retention** | 200 years | --- ### ## 2. Core Features * **SPI Protocol Modes:** Supports SPI Bus Modes 0 and 3. * **Write Protection:** Includes a hardware Write Protect (`/WP`) pin and software programmable write-protection for specific blocks of memory. * **Byte and Page Write:** Allows writing a single byte or a full page (up to 32 bytes) in a single instruction cycle. * **Low Power Consumption:** * Active Read Current: < 2 mA (at 5 MHz). * Standby Current: < 1 µA (at 1.8V). * **Self-Timed Write Cycle:** The internal write cycle is self-timed, typically completing within 5ms. --- ### ## 3. Pin Configuration The device is typically housed in an 8-pin package with the following functional layout: | Pin | Designation | Description | | :--- | :--- | :--- | | 1 | **S#** | Chip Select (Active Low) | | 2 | **Q** | Serial Data Output | | 3 | **W#** | Write Protect | | 4 | **Vss** | Ground | | 5 | **D** | Serial Data Input | | 6 | **C** | Serial Clock | | 7 | **HOLD#** | Pause Serial Communication | | 8 | **Vcc** | Supply Voltage | --- ### ## 4. Code Implementation (Example) To communicate with the M95640 using an Arduino or similar microcontroller, you would typically use the `SPI.h` library. Below is a conceptual example of how to read the Status Register: ```cpp #include const int chipSelectPin = 10; const byte READ_STATUS = 0x05; // Instruction code void setup() { pinMode(chipSelectPin, OUTPUT); SPI.begin(); digitalWrite(chipSelectPin, LOW); SPI.transfer(READ_STATUS); byte status = SPI.transfer(0); // Read incoming byte digitalWrite(chipSelectPin, HIGH); Serial.print("Status Register: "); Serial.println(status, BIN); } void loop() {} ``` --- ### ## 5. Typical Applications * **Automotive:** Storing calibration data, odometer readings, and error logs in ECUs. * **Industrial:** Configuration settings for PLCs and sensors. * **Consumer Electronics:** Firmware storage and user preference settings.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'W' voltage variants in ST EEPROMs?
    • ⤷ How does the 'HOLD' pin function during a data transfer?
    • ⤷ What are the PCB layout considerations for the UFDFPN8 package?