Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M95640-RMB3TSLASHB

  • AI
    ## Technical Analysis of M95640-RMB3TG/B The **M95640-RMB3TG/B** is a high-performance, low-voltage, serial SPI (Serial Peripheral Interface) EEPROM manufactured by **STMicroelectronics**. It belongs to the 64-Kbit family of memory chips, often used for configuration storage and data logging in embedded systems. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 64 Kbits (8,192 bytes) | | **Interface** | SPI (Serial Peripheral Interface) | | **Clock Frequency** | Up to 10 MHz (model dependent) | | **Voltage Supply** | 1.8V to 5.5V | | **Operating Temperature** | -40°C to +125°C (Automotive Grade 3) | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Write Cycle Time** | 5 ms (Maximum) | --- ### 2. Functional Description The device is organized as 8192 bytes of 8 bits each. It is designed to interface directly with microcontrollers using a standard 4-wire SPI bus. #### Internal Architecture - **Memory Array:** A 64-Kbit non-volatile memory block. - **Write Protect (WP):** A hardware pin used to freeze the memory contents, preventing accidental writes. - **Hold (HOLD):** Allows the microcontroller to pause the communication without deselecting the device. - **Status Register:** Contains bits for Write In Progress (WIP) and Write Enable Latch (WEL). --- ### 3. Part Number Breakdown: `M95640-RMB3TG/B` Deciphering the STMicroelectronics nomenclature: | Code Segment | Meaning | | :--- | :--- | | **M95** | Family: SPI Serial Access EEPROM | | **640** | Density: 64 Kbits | | **-R** | Operating Voltage: 1.8V to 5.5V | | **MB** | Package: UFDFPN8 (2 x 3 mm) | | **3** | Temperature: -40 to +125 °C (Automotive Grade) | | **TG** | Packaging: Tape & Reel | | **B** | Process/Technology revision | --- ### 4. Application Use Cases 1. **Automotive Systems:** Storing calibration data for engine control units (ECUs) or infotainment settings. 2. **Industrial Controllers:** Saving configuration parameters and error logs that must survive power cycles. 3. **Consumer Electronics:** Storing user preferences in smart home devices or high-end appliances. 4. **Medical Devices:** Retaining historical patient data or device usage statistics. --- ### 5. Implementation Example (Pseudo-Code) To write data to the M95640, the controller must follow this SPI sequence: ```c // 1. Set Write Enable (WREN) Select_Chip(); SPI_Transfer(0x06); // WREN Instruction Deselect_Chip(); // 2. Write Data Select_Chip(); SPI_Transfer(0x02); // WRITE Instruction SPI_Transfer(0x00); // Address High Byte SPI_Transfer(0x20); // Address Low Byte SPI_Transfer(0xAB); // Data Byte to store Deselect_Chip(); ```
    ✨ Follow-up Questions
    • ⤷ How does the SPI 'Hold' pin function during data transmission?
    • ⤷ What are the main differences between the M95640 and the I2C-based M24C64?
    • ⤷ What is the endurance limit (write cycles) for this specific EEPROM?