Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA02203AD-R13

  • AI
    ## Analysis of MA02203AD-R13 The **MA02203AD-R13** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These components are essential in power management circuits for energy storage and noise filtering. --- ### Technical Specifications Based on standard industry nomenclature for this series, here are the likely technical characteristics: | Property | Typical Value / Description | | :--- | :--- | | **Component Type** | Power Inductor (Shielded) | | **Inductance** | 22.0 µH (indicated by '220' in the part number) | | **Tolerance** | ±20% (Commonly denoted by 'M' or 'A') | | **Package Size** | 0220 (approx. 2.0 x 2.0 mm footprint) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Packaging** | Tape & Reel (indicated by 'R13' - 13-inch reel) | --- ### Key Internal Components An inductor like the MA02203AD-R13 consists of three primary electronic "parts": 1. **Magnetic Core:** Usually made of Ferrite or Metal Alloy powder. This concentrates the magnetic field to increase inductance. 2. **Copper Winding:** A coil of insulated copper wire wrapped around the core. The number of turns determines the 22µH inductance value. 3. **Terminations:** Solderable pads (usually Tin-plated) located on the bottom of the component to connect to the Printed Circuit Board (PCB). --- ### Applications and Functionality In an electronic circuit, this part serves the following roles: * **DC-DC Converters:** Acts as the energy storage element in buck (step-down) or boost (step-up) regulators. * **Filtering:** Works with capacitors to smooth out voltage ripples and reduce Electromagnetic Interference (EMI). * **Decoupling:** Blocks high-frequency AC noise while allowing DC current to pass through. --- ### Understanding the Part Number Suffix The suffix **-R13** is a commercial designation rather than a physical property of the inductor itself: * **R:** Stands for "Reel." * **13:** Refers to the diameter of the plastic reel (13 inches) used in automated "Pick and Place" assembly machines.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Saturation Current) for this specific inductor size?
    • ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?
    • ⤷ What are the common alternatives if the MA02203AD-R13 is out of stock?