Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA12FCD-R

  • AI
    The **MA12FCD-R** belongs to the family of high-speed switching diodes, specifically categorized as a **Schottky Barrier Diode (SBD)**. These components are primarily used for high-frequency rectification and circuit protection. --- ### 1. Key Technical Specifications The following table highlights the core electrical characteristics typical for this series: | Parameter | Symbol | Value (Approx.) | Unit | | :--- | :--- | :--- | :--- | | **Reverse Voltage (DC)** | $V_R$ | 20 - 40 | V | | **Forward Current** | $I_F$ | 1.0 | A | | **Forward Voltage Drop** | $V_F$ | 0.45 - 0.55 | V | | **Reverse Recovery Time** | $t_{rr}$ | < 10 | ns | | **Operating Temperature** | $T_j$ | -40 to +125 | °C | --- ### 2. Functional Characteristics * **Low Forward Voltage ($V_F$):** Unlike standard silicon diodes (~0.7V), this Schottky diode has a lower voltage drop. This results in higher efficiency and less heat dissipation during operation. * **Ultra-Fast Switching:** Because it is a majority carrier device, it lacks the reverse recovery charge found in standard diodes, allowing it to switch states almost instantaneously. * **Surface Mount Design:** The "MA" prefix often denotes a small-form-factor package (like Mini-Mold or SOD series), making it ideal for high-density PCB layouts. --- ### 3. Common Applications The MA12FCD-R is frequently utilized in the following scenarios: 1. **DC-DC Converters:** Used as a freewheeling diode to maintain current flow when a switch is opened. 2. **Reverse Polarity Protection:** Protecting sensitive logic circuits from batteries or power supplies connected backwards. 3. **High-Speed Logic Clipping:** Used in signal processing to prevent voltage spikes from exceeding rail limits. 4. **Power Management:** Found in mobile devices and portable electronics where power efficiency is critical. --- ### 4. Circuit Symbol Representation In a schematic, it is represented by the standard Schottky symbol: ```text Anode Cathode | |\ | | |------| \|-----| | /| |/ | ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific package dimensions for the MA12FCD-R?
    • ⤷ How does its leakage current compare to a standard PN junction diode?
    • ⤷ Can this diode be used in high-voltage AC rectification?