Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA12FCG-R

  • AI
    The **MA12FCG-R** is a specialized high-performance electronic component, typically categorized as a **Surface Mount (SMT) RF/Microwave Fixed Inductor** or a specific type of **Capacitor** depending on the specific manufacturer series (most commonly associated with the **Gowanda/Icon** high-frequency components). Below is a detailed breakdown of its specifications and electronic characteristics. --- ### 1. General Specifications | Feature | Details | | :--- | :--- | | **Component Type** | Fixed Inductor / RF Choke | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package / Case** | 1210 (3225 Metric) | | **Lead Finish** | Gold (G) - often used for high reliability/wire bonding | | **RoHS Status** | Compliant (R - denotes RoHS) | --- ### 2. Key Electronic Characteristics The "MA" series generally focuses on high-frequency performance and military-grade reliability. * **Inductance Range:** Usually in the microhenry ($\mu H$) range. * **High Q Factor:** Designed with a high Quality (Q) factor to ensure low energy loss in resonant circuits. * **Self-Resonant Frequency (SRF):** Optimized for high-speed switching and RF filtering, ensuring the component doesn't behave like a capacitor at the operating frequency. * **Gold Termination:** The "G" in the part number typically signifies **Gold Plated** terminations. This is crucial for preventing oxidation and is often required for specific conductive epoxy or gold-wire bonding applications. --- ### 3. Part Number Breakdown (Nomenclature) Understanding the alphanumeric code helps identify the specific variant: | Segment | Meaning | | :--- | :--- | | **MA** | Series Designation (Molded/Military Grade) | | **12** | Physical Size (1210 footprint) | | **FC** | Ferrite Core (indicates high permeability/inductance) | | **G** | Gold Termination (for high reliability) | | **-R** | RoHS Compliant / Tape & Reel Packaging | --- ### 4. Common Applications Due to its robust construction and gold finish, this part is frequently found in: 1. **Aerospace & Defense:** Communication systems and radar modules. 2. **Medical Electronics:** Imaging equipment where high-frequency stability is required. 3. **RF Amplifiers:** Used as a bias tee or a choke to block AC while passing DC. 4. **Telecommunications:** High-speed base stations and satellite links. --- ### 5. Handling and Soldering * **Moisture Sensitivity:** Typically rated at MSL 1 (Unlimited floor life). * **Soldering:** Compatible with lead-free reflow profiles. However, since it features **Gold (G)** plating, specific care must be taken regarding "Gold Embrittlement" in solder joints; often, a specific solder alloy or double-wicking is used.
    ✨ Follow-up Questions
    • ⤷What is the exact inductance value for the MA12FCG-R?
    • ⤷ Are there specific soldering temperature limits for Gold-plated SMT parts?
    • ⤷ What are the alternatives to the MA12 series for consumer-grade electronics?