Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA12TCG-R

  • AI
    The **MA12TCG-R** is a specific electronic component within the **MA series** of miniature toggle switches, manufactured by **NKK Switches**. These switches are known for their high reliability, compact size, and specific mounting configurations. --- ## 1. Technical Specifications The model number **MA12TCG-R** can be broken down into its functional attributes: | Parameter | Specification | | :--- | :--- | | **Series** | MA Series (Micro-size Toggle) | | **Circuit Type** | SPDT (Single Pole Double Throw) | | **Switch Function** | ON - NONE - ON | | **Terminal Type** | PC (Printed Circuit) Mount | | **Terminal Contact** | Gold over Nickel (Low Logic Level) | | **Current Rating** | 0.4VA max @ 28V AC/DC max | | **Mechanical Life** | 50,000 Operations minimum | | **Actuator Style** | Standard Tapered Lever | --- ## 2. Key Features and Construction ### A. Contact Mechanism The "G" in the suffix usually denotes **Gold contacts**. Gold is utilized in this component because: * It prevents oxidation and corrosion. * It ensures reliability in "low logic" circuits where voltage and current are too low to break through the oxide layer found on silver contacts. ### B. Size and Form Factor The MA series is classified as a "Micro-miniature" switch. This makes it ideal for high-density PC board applications where space is at a premium. ### C. Sealing and Protection The **-R** suffix often indicates specific packaging (like Tape and Reel) or a refined environmental rating. These switches typically feature: * An **Ultrasonic welded housing** to prevent flux or cleaning solvents from entering the contact area during soldering. * High-insulation barriers between terminals. --- ## 3. Applications Due to its SPDT configuration and gold-plated contacts, the MA12TCG-R is commonly used in: * **Handheld Instruments:** Where low power consumption and small size are critical. * **Medical Equipment:** For reliable signal switching. * **Telecommunications:** Routing data signals in networking hardware. * **Industrial Controls:** As a configuration switch on a PCB. --- ## 4. Connection Diagram (SPDT) In the "ON-NONE-ON" configuration, the switch operates as follows: ```text Position 1 (Left): Terminal 2 connected to Terminal 3 Position 2 (Center): (No OFF position exists in this model) Position 3 (Right): Terminal 2 connected to Terminal 1 ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between silver and gold contacts in the MA series?
    • ⤷ Are there waterproof versions of the MA12TCG-R?
    • ⤷ Can this switch be used for 120V AC power applications?