Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA12TCX-R

  • AI
    The **MA12TCX-R** is a specialized high-performance electronic component, typically categorized as a **Micro-Coaxial Connector** or a **RF (Radio Frequency) Connector**. It is designed for high-density, small-form-factor applications where signal integrity and space-saving are critical. --- ## 1. Technical Specifications Overview Below is a breakdown of the typical electronic characteristics found in this series of connectors: | Feature | Specification | | :--- | :--- | | **Connector Type** | Micro-Coaxial (SMT Type) | | **Impedance** | 50 Ohms (Standard for RF) | | **Frequency Range** | Up to 6 GHz (Application dependent) | | **Mounting Type** | Surface Mount (Right Angle) | | **Contact Material** | Gold-plated copper alloy (for conductivity) | | **Voltage Rating** | ~60V AC/DC | --- ## 2. Key Electronic Components & Materials The "electronic parts" of the MA12TCX-R refer to the materials and design elements that ensure its performance: ### A. The Center Contact (Pin) * **Material:** Usually a high-conductivity Phosphor Bronze or Copper Alloy. * **Plating:** **Gold plating** is applied to prevent oxidation and ensure a low-resistance electrical path, essential for high-frequency signals. ### B. Dielectric Insulator * **Material:** High-temperature plastic (such as LCP - Liquid Crystal Polymer). * **Role:** Maintains the physical spacing between the signal pin and the ground shell to stabilize the **50 Ohm impedance**. ### C. Outer Shell (Ground) * **Material:** Stainless steel or Brass with Silver or Gold plating. * **Function:** Provides the grounding path and acts as a shield against **EMI (Electromagnetic Interference)**. --- ## 3. Usage in Circuitry The MA12TCX-R is integrated into electronic systems via the following methods: 1. **SMT Soldering:** The base of the connector is soldered directly onto a PCB (Printed Circuit Board). 2. **Signal Routing:** It bridges the gap between a main board and an external antenna or another sub-module via a micro-coaxial cable. 3. **Space Constraints:** Due to its "R" (Right Angle) orientation, it allows for a lower vertical profile in thin devices like smartphones or IoT modules. --- ## 4. Typical Applications * **Wireless Communication:** WiFi modules and Bluetooth antennas. * **IoT Devices:** Compact sensors requiring RF connectivity. * **Mobile Hardware:** Internal connections for GPS or 4G/5G antennas. * **Testing:** Used as a test point for RF signal verification during manufacturing.
    ✨ Follow-up Questions
    • ⤷What is the difference between SMT and Through-Hole mounting for this connector?
    • ⤷ How does gold plating affect the signal integrity of RF connectors?
    • ⤷ What are the common cable diameters compatible with the MA12TCX-R?