Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA13FCD-R

  • AI
    ## Analysis of the MA13FCD-R The **MA13FCD-R** is a high-performance, single-output DC-DC converter module typically used in industrial and telecommunications applications. It belongs to a class of isolated power converters designed for high reliability and efficiency. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the MA13FCD-R: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 9V to 36V DC (Standard 4:1 wide input) | | **Output Voltage** | 5V DC (Regulated) | | **Output Current** | Max 2.6A to 3A (depending on thermal conditions) | | **Isolation Voltage** | 1500V DC | | **Efficiency** | ~85% - 88% | | **Package Style** | DIP (Dual In-line Package) or SMT | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Components Internally, the MA13FCD-R consists of several critical electronic sub-systems: 1. **Input Filter:** A built-in Pi-filter ($\pi$) to minimize electromagnetic interference (EMI) and reflected ripple current back to the source. 2. **PWM Controller:** High-frequency pulse width modulation circuitry that regulates the energy transfer to maintain a steady output voltage. 3. **Isolation Transformer:** Provides the 1.5kV barrier between the input and output circuits, ensuring safety and noise decoupling. 4. **Rectification & Smoothing:** Utilizes high-speed Schottky diodes or synchronous rectification to convert the AC signal from the transformer back to DC. --- ### 3. Application Use Cases This specific part is often integrated into systems where power stability and isolation are mandatory: * **Industrial Automation:** Powering sensors and PLC modules where ground loops must be avoided. * **Data Communications:** Providing clean power to networking hardware. * **Battery Powered Systems:** Handling wide fluctuations in battery voltage while maintaining a constant 5V rail. --- ### 4. Comparison with Standard Modules | Feature | MA13FCD-R | Standard 2:1 Converters | | :--- | :--- | :--- | | **Input Range** | Wide (4:1) | Narrow (2:1) | | **Stability** | High (Regulated) | Variable (Unregulated) | | **Protection** | Short Circuit & Overload | Basic or None |
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the MA13FCD-R?
    • ⤷ Does this model support remote On/Off control functionality?
    • ⤷ What are the recommended external capacitors for reducing output ripple?