Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA13TAA-R

  • AI
    The **MA13TAA-R** is a specific surface-mount electronic component, typically categorized as a **Switching Diode** or a **Small Signal Diode**. It is widely used in high-speed switching applications and signal processing due to its small footprint and fast recovery times. ### 1. General Specifications The following table highlights the core technical parameters generally associated with this part number (often manufactured by companies like ROHM or similar semiconductor firms): | Parameter | Value (Typical) | Unit | | :--- | :--- | :--- | | **Type** | Switching Diode | - | | **Package Type** | SOT-23 / SSMINI3 | - | | **Forward Voltage ($V_F$)** | ~1.2V (at $I_F$ = 100mA) | V | | **Peak Reverse Voltage ($V_{RM}$)** | 80V | V | | **Forward Current ($I_F$)** | 100mA | mA | | **Reverse Recovery Time ($t_{rr}$)** | 3 - 4ns | ns | | **Operating Temperature** | -55 to +150 | °C | --- ### 2. Key Features * **High-Speed Switching:** The extremely low reverse recovery time ($t_{rr}$) allows the diode to switch between ON and OFF states almost instantaneously, preventing signal distortion in high-frequency circuits. * **Miniature Surface Mount Design:** The "TAA" suffix often refers to the specific taping or packaging style (like SOT-23), which is ideal for high-density PCB layouts. * **Low Capacitance:** Minimizes the impact on the signal integrity of high-speed data lines. --- ### 3. Application Use-Cases The MA13TAA-R is commonly found in the following electronic environments: 1. **Signal Clamping:** Protecting sensitive IC inputs from voltage spikes. 2. **Logic Gates:** Used in simple diode-resistor logic (DRL) circuits. 3. **General Purpose Switching:** Turning small loads on/off within digital systems. 4. **Reverse Polarity Protection:** Preventing damage if small batteries or low-current power sources are connected incorrectly. --- ### 4. Circuit Symbol and Internal Configuration The MA13TAA-R typically contains a single diode. In a 3-pin package (like the SOT-23), the internal wiring usually follows a standard layout where one pin is unused or multiple pins are tied to the anode/cathode for stability. ```text Anode (1) o-------|<|-------o Cathode (3) | NC (2) o ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R' suffix in the MA13TAA-R part number?
    • ⤷ Can you provide a comparison between this diode and the 1N4148?
    • ⤷ How does reverse recovery time affect high-frequency circuit performance?