Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA13TAD-R

  • AI
    The **MA13TAD-R** is a high-performance **Brushless DC (BLDC) Motor Driver** typically used in industrial automation, medical equipment, and robotics. It is part of the MA series designed for precision control of three-phase brushless motors. --- ## 1. Technical Specifications The MA13TAD-R is defined by its power handling capabilities and control interfaces. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 24V DC to 48V DC (Typical) | | **Output Current** | 10A (Continuous) / 30A (Peak) | | **Control Interface** | Analog (0-5V), PWM, or RS-485 | | **Feedback Support** | Hall Effect Sensors / Incremental Encoder | | **Operating Temp** | -10°C to +50°C | --- ## 2. Key Electronic Components The internal circuitry of the MA13TAD-R consists of several critical subsystems: ### A. Power Stage (MOSFET Bridge) The heart of the driver is a **3-phase inverter bridge**. It uses six high-speed MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors) to switch current into the motor windings. These are usually rated for high thermal dissipation and low "On-Resistance" ($R_{DS(on)}$) to minimize heat. ### B. Microcontroller / DSP Unit The unit contains a dedicated digital processor that handles: * **PID Control Loops:** Calculates the speed and torque adjustments in real-time. * **Commutation Logic:** Determines the sequence for firing the MOSFETs based on sensor feedback. ### C. Gate Drivers These are specialized ICs that sit between the logic processor and the power MOSFETs. They provide the necessary voltage levels and current to quickly charge/discharge the MOSFET gates for efficient switching. ### D. Protection Circuitry The "R" suffix often denotes specific protection or reliability enhancements, including: * **Over-current Protection (OCP):** Shuts down the output if a short circuit is detected. * **Over-voltage Protection (OVP):** Prevents damage from regenerative braking (back-EMF). * **Thermal Shutdown:** Monitors the heatsink temperature. --- ## 3. Wiring and Connectivity The physical unit utilizes specific connector sets for power and logic: 1. **Power Terminals:** `V+` and `GND` for DC input; `U`, `V`, `W` for motor phases. 2. **Sensor Input:** 5-pin or 8-pin header for Hall sensor signals (H1, H2, H3, +5V, GND). 3. **Control Input:** Pins for `Start/Stop`, `Direction (CW/CCW)`, and `Speed Signal`. --- ## 4. Operational Logic The MA13TAD-R functions through **Sinusoidal or Trapezoidal Commutation**. * **Trapezoidal:** Easier to implement; uses Hall sensors. * **Sinusoidal:** Provides smoother motion and lower noise, often requiring encoder feedback for higher resolution.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MA13TAD-R and the standard MA13TAD model?
    • ⤷ How do I configure the speed control using a 0-5V analog signal on this driver?
    • ⤷ Does the MA13TAD-R support regenerative braking resistors for high-inertia loads?