Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA13TCG-R

  • AI
    The **MA13TCG-R** is a specific electronic component typically categorized under high-precision **Thin Film Chip Resistors**. These components are widely used in automotive, medical, and high-end industrial electronics where stability and low noise are critical. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature (usually associated with manufacturers like Susumu or similar precision component makers). Below are the typical technical parameters for this series: | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | Thin Film Chip Resistor | | **Resistance Tolerance** | ±0.01% to ±0.5% (High Precision) | | **Temperature Coefficient (TCR)** | ±5ppm/°C to ±25ppm/°C | | **Case Size** | Often 0603 or 0805 (Metric 1608/2012) | | **Operating Temperature** | -55°C to +155°C | | **Power Rating** | 0.063W to 0.125W (depending on size) | --- ### 2. Physical Construction Thin film resistors like the MA13TCG-R are constructed using a specific layering process: 1. **Substrate:** Usually high-purity Alumina ($Al_2O_3$) ceramic. 2. **Resistive Layer:** A thin film of metal alloy (like NiCr) sputtered onto the ceramic. 3. **Passivation:** A protective coating to prevent moisture ingress and oxidation. 4. **Terminations:** Multi-layer construction (often Sn over Ni) for excellent solderability and thermal stress resistance. --- ### 3. Core Features and Advantages * **Low Noise:** Due to the thin-film sputtering process, these resistors have significantly lower current noise compared to thick-film alternatives. * **High Stability:** They maintain their resistance value over long periods (low drift), even under harsh environmental conditions. * **Sulfur Resistance:** Many "TCG" variants include specialized protective layers to prevent silver-sulfide corrosion in polluted environments. * **AEC-Q200 Compliance:** Most parts in this category are automotive grade, meaning they have undergone rigorous stress testing. --- ### 4. Common Applications * **Automotive Electronics:** Engine control units (ECU), ADAS sensors, and EV battery management systems. * **Medical Devices:** Precision monitoring equipment and diagnostic tools. * **Instrumentation:** Measurement bridges, high-precision scales, and calibration equipment. * **Audio Equipment:** High-fidelity signal processing where signal integrity is paramount. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between thin film and thick film resistors?
    • ⤷ How does the Temperature Coefficient (TCR) affect circuit performance?
    • ⤷ Can you provide the specific datasheet for the MA13TCG-R?