Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA15FCA-R

  • AI
    The **MA15FCA-R** is a specific electronic component, typically part of the **MA15 series** manufactured by **ABB (formerly Tyco/Lineage Power)** or specialized power filter manufacturers. It is a **High-Performance Surge Protection Device (SPD) and RFI Filter**. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Primary Function and Type The MA15FCA-R is designed as a **Single-Phase Surge Protector and RFI (Radio Frequency Interference) Filter**. It is primarily used to protect sensitive electronic equipment from power surges, spikes, and high-frequency noise. | Feature | Description | | :--- | :--- | | **Category** | Power Line Filter / Surge Protective Device (SPD) | | **Mounting** | DIN Rail or Surface Mount | | **Application** | PLCs, Industrial Control Systems, Laboratory Equipment | --- ## 2. Technical Specifications The "15" in the part number typically denotes the amperage rating. Here are the common electrical parameters: | Parameter | Specification | | :--- | :--- | | **Nominal Voltage** | 120V / 240V AC (Auto-sensing) | | **Current Rating** | 15 Amperes | | **Operating Frequency** | 47 - 63 Hz | | **Max Surge Current** | 18kA (per mode) | | **Response Time** | < 1 nanosecond | | **Operating Temp** | -40°C to +85°C | --- ## 3. Key Electronic Features The MA15FCA-R incorporates several electronic stages to ensure power quality: ### A. Surge Suppression (MOV Technology) The device uses high-energy **Metal Oxide Varistors (MOVs)**. These components act as "pressure valves" for electricity; when a voltage spike occurs, the MOV resistance drops instantly, diverting the excess current to the ground before it reaches the load. ### B. RFI/EMI Filtering It contains an LC network (Inductors and Capacitors) designed to filter out electromagnetic interference. This is crucial for equipment that uses microprocessors, which can be crashed or reset by high-frequency "noise" on the power line. ### C. Status Monitoring (The "-R" Suffix) The **"-R"** suffix in the part number indicates a **Remote Monitoring** feature. This version includes: * **Visual LED:** Local indication of protection status. * **Dry Contacts:** A set of relay contacts that can be wired to a PLC or alarm system to notify maintenance if the surge protection has been compromised. --- ## 4. Connection Layout The unit generally features a series-connected design, meaning the power must flow *through* the device to the load. ```text [Line In] ----> [RFI Filter Stage] ----> [Surge Stage] ----> [Load Out] | | [Grounding] <---------------| ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MA15FCA and the MA15FCA-R version?
    • ⤷ Can this device be used in both 110V and 230V systems?
    • ⤷ How do the dry contacts in the -R model connect to a PLC?