Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA15TCD-R

  • AI
    The **MA15TCD-R** is a high-performance, transient voltage suppression (TVS) diode array designed specifically for the protection of high-speed data interfaces. It is commonly used to safeguard sensitive electronic components from Electrostatic Discharge (ESD) and lightning-induced surge voltages. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the MA15TCD-R: | Parameter | Symbol | Value (Typical) | | :--- | :--- | :--- | | **Reverse Stand-Off Voltage** | $V_{RWM}$ | 15V | | **Breakdown Voltage** | $V_{BR}$ | 16.7V (Min) | | **Clamping Voltage** | $V_C$ | < 24V (@ 1A) | | **Peak Pulse Power** | $P_{PK}$ | 300W - 500W (8/20µs) | | **Junction Capacitance** | $C_j$ | Low (approx. 1-3 pF) | | **Operating Temperature** | $T_{op}$ | -55°C to +150°C | --- ### 2. Functional Features * **Bidirectional Protection:** The "TCD" designation often indicates a bidirectional configuration, allowing it to protect lines where signals swing both above and below ground. * **Low Capacitance:** Designed to maintain signal integrity in high-speed applications (like USB 2.0 or Ethernet) by minimizing signal distortion. * **Fast Response Time:** Features sub-nanosecond response times, reacting almost instantaneously to transient spikes. * **Package Type:** Usually comes in a small surface-mount package (like SOD-323 or SOT-23), saving PCB real estate. --- ### 3. Common Applications The MA15TCD-R is typically integrated into the following systems: 1. **Communication Ports:** RS-232, RS-422, and RS-485 interfaces. 2. **Industrial Control:** Protection for PLC (Programmable Logic Controller) I/O lines. 3. **Consumer Electronics:** Protection for set-top boxes, digital cameras, and handheld devices. 4. **Power Supplies:** Low-voltage DC power line protection. --- ### 4. Circuit Implementation To utilize the MA15TCD-R, it should be placed as close to the connector as possible to shunt the ESD energy to ground before it reaches the internal ICs. ```markdown [Connector Pin] ----+---- [Internal Circuit] | [MA15TCD-R] | [Ground] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between unidirectional and bidirectional TVS diodes?
    • ⤷ How does the MA15TCD-R compare to the 5V or 12V versions in the same series?
    • ⤷ What are the soldering considerations for the MA15TCD-R package?