Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA16TCG-R

  • AI
    ### Overview of MA16TCG-R The **MA16TCG-R** belongs to the **MA series** of miniature ultrasonic sensors, typically manufactured by companies like **Murata** or specialized sensor providers. These components are designed to convert electrical energy into ultrasonic waves (sound) and vice versa. --- ### Technical Specifications Below are the core electronic characteristics typical for this specific part number: | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Ultrasonic Transceiver (Combined) | | **Resonant Frequency** | 40.0 ± 1.0 kHz | | **Sound Pressure Level (SPL)** | 100 dB min. (at 10Vrms, 30cm) | | **Sensitivity** | -70 dB min. (at 40kHz, 0dB=1V/Pa) | | **Capacitance** | 1,600 pF ± 20% (at 1kHz) | | **Directivity** | 80° (Horizontal/Vertical) | | **Operating Temperature** | -20°C to +70°C | --- ### Key Electronic Components & Construction 1. **Piezoelectric Element**: The heart of the device is a lead zirconate titanate (PZT) ceramic disk. When a voltage is applied, it physically deforms (piezoelectric effect), creating vibrations at a high frequency. 2. **Matching Layer**: A layer of material placed on top of the ceramic to improve the acoustic coupling between the dense ceramic and the air, ensuring maximum energy transfer. 3. **Housing (Case)**: The "TCG" designation usually refers to a compact, water-resistant, or specific open-structure metal casing designed to protect the internals while allowing sound propagation. 4. **Terminals**: Standard pin-type leads for PCB mounting (Through-hole). --- ### Operating Principle The MA16TCG-R functions in two primary modes: * **Transmitter Mode**: A high-frequency AC signal (40kHz) is applied to the terminals. The piezoelectric element vibrates, pushing the air to create ultrasonic waves. * **Receiver Mode**: Incoming ultrasonic waves strike the sensor, causing the piezoelectric element to vibrate. These vibrations generate a small AC voltage across the terminals, which is then amplified by the external circuit. --- ### Typical Circuit Integration To use this part effectively, the following electronic blocks are required: ```mermaid graph LR A[Pulse Generator] --> B[Driver Circuit] B --> C[MA16TCG-R] C --> D[Preamplifier] D --> E[Comparator/ADC] ``` * **Driver Circuit**: Often uses a Push-Pull or H-Bridge configuration to provide enough voltage (up to 20Vp-p) to drive the sensor. * **Preamplifier**: Since the received signal is in the millivolt range, an Op-Amp with a high gain (typically 40-60dB) is required. --- ### Applications * **Distance Measurement**: Calculating Time-of-Flight (ToF) for liquid level sensing or robotics. * **Proximity Detection**: Detecting the presence of objects in industrial automation. * **Security Systems**: Ultrasonic motion detectors.
    ✨ Follow-up Questions
    • ⤷What is the maximum driving voltage for the MA16TCG-R to avoid damage?
    • ⤷ How does the 'TCG' suffix differentiate this model from the 'MA40S4R' series?
    • ⤷ Can this sensor be used in outdoor environments without additional waterproofing?