Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA18FAG-R

  • AI
    The **MA18FAG-R** is a specific technical part number typically associated with **Microchip Technology** evaluation kits or MCU (Microcontroller Unit) modules. Specifically, it belongs to the **Plug-In Module (PIM)** series, which is used alongside development boards like the Explorer 16/32. --- ### 1. Key Technical Specifications This module is designed to interface a high-performance microcontroller with a standard development header. | Feature | Description | | :--- | :--- | | **Microcontroller (MCU)** | PIC18F87J11 (Typical for this series) | | **Core Architecture** | 8-bit PIC | | **Package Type** | 80-pin TQFP (on-module) | | **Interface** | 100-pin PIM Header (Plug-In) | | **Voltage Range** | 2.0V to 3.6V | | **Max Frequency** | 48 MHz | --- ### 2. Electronic Components & Sub-systems The MA18FAG-R is not just a single chip; it is a small PCB assembly containing several discrete electronic parts: #### A. The Microcontroller (The "Brain") The heart of the module is usually a **PIC18F** series MCU. It features: * **Flash Memory:** For storing user code. * **SRAM:** For data variables. * **Peripherals:** ADC (Analog-to-Digital Converter), PWM, UART, SPI, and I2C. #### B. Passives and Protection * **Decoupling Capacitors:** Small MLCC (Multi-Layer Ceramic Capacitors) placed near the power pins to filter high-frequency noise. * **Resistors:** Pull-up or pull-down resistors for specific configuration pins (like MCLR/Reset). * **Crystal/Oscillator:** Often includes an onboard SMT crystal to provide a precise clock signal for the MCU. #### C. Connectivity * **Gold-plated Headers:** High-density pins that map the 80 pins of the MCU to the 100-pin standard of the Microchip development ecosystem. --- ### 3. Usage Context This part is used by engineers for **prototyping**. Instead of soldering a tiny 80-pin TQFP chip directly to a board, they plug this module into a socket. * **Software Development:** Used with MPLAB X IDE and XC8 Compiler. * **Hardware Verification:** Allows testing the PIC18F code on a known-good hardware platform before designing a custom PCB. --- ### 4. Code Example: Basic Initialization If you were programming the MCU on this module, a simple C snippet to toggle a pin (e.g., an LED) would look like this: ```c #include void main(void) { TRISDbits.TRISD0 = 0; // Set PORTD pin 0 as output while(1) { LATDbits.LATD0 = 1; // Turn LED ON __delay_ms(500); LATDbits.LATD0 = 0; // Turn LED OFF __delay_ms(500); } } ```
    ✨ Follow-up Questions
    • ⤷ Which development board is most compatible with the MA18FAG-R module?
    • ⤷ What are the specific memory specifications of the PIC18F chip used on this PIM?
    • ⤷ How does the 100-pin PIM header map to the 80-pin TQFP MCU?