Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA18FBA-R

  • AI
    The **MA18FBA-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Inductor** or a specialized **Magnetic Component**, often manufactured by companies like Taiyo Yuden or similar specialty magnetics providers. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The "MA" series generally refers to metal core inductors designed for high-efficiency power conversion. The suffix codes denote size, inductance value, and packaging style. ### Key Specifications (Typical) | Feature | Description | | :--- | :--- | | **Component Type** | Metal Core Inductor / Power Inductor | | **Core Material** | Metal Powder (provides high saturation current) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Package Size** | 1.8mm x 2.0mm (approximate based on series) | | **Typical Application** | DC-DC Converters, Smartphones, Portable Electronics | --- ## 2. Technical Characteristics These parts are engineered for performance in compact power supplies where space is limited but current demands are high. * **High Saturation Current ($I_{sat}$):** Because of the metal powder core, these inductors can handle higher peak currents without the inductance "dropping off" abruptly compared to traditional ferrite cores. * **Low DC Resistance (DCR):** Designed to minimize power loss ($P = I^2R$) and heat generation. * **Magnetic Shielding:** The structure is typically shielded to reduce Electromagnetic Interference (EMI) with surrounding sensitive components like CPUs or RF modules. --- ## 3. Part Number Breakdown While manufacturer coding varies slightly, the standard breakdown for the MA series is usually: | Segment | Meaning | | :--- | :--- | | **MA** | Series Name (Metal Core Inductor) | | **18** | Dimension Code (e.g., 1.6mm x 0.8mm or similar per manufacturer) | | **FBA** | Material and Internal Characteristic Code | | **R** | Inductance Value (e.g., "R" indicates a decimal point, such as 0.47µH or 1.0µH depending on following digits) | --- ## 4. Typical Applications These components are found in the power management stages of modern electronics: 1. **Smartphones/Tablets:** Powering the core processor or display drivers. 2. **Wearables:** Due to the extremely small footprint. 3. **SSD Drives:** Managing power rails for high-speed data storage. --- ### Implementation Example (PCB Layout) When designing a PCB for the MA18FBA-R, ensure the following: ```markdown 1. Keep the inductor as close to the Power IC as possible. 2. Use wide copper traces to handle the rated current. 3. Avoid running sensitive signal lines directly under the inductor. ```
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the MA18FBA-R?
    • ⤷ What are the recommended operating temperature ranges for metal core inductors?
    • ⤷ How does a metal powder core compare to a ferrite core in terms of EMI?