Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA18TAG-R

  • AI
    The **MA18TAG-R** refers to a high-frequency (13.56 MHz) RFID transponder, typically in the form of a small "Tag" or "Inlay," manufactured by companies like **Murata Manufacturing**. These components are widely used for tracking, authentication, and inventory management in industrial and medical environments. --- ### 1. Key Technical Specifications The MA18TAG-R is designed to be robust and compliant with global RFID standards. | Feature | Specification | | :--- | :--- | | **Frequency** | 13.56 MHz (HF - High Frequency) | | **Protocol** | ISO/IEC 15693 (NFC Forum Type 5 compatible) | | **IC Provider** | Typically NXP ICODE series (or similar) | | **User Memory** | 896 bits up to 2k bits (Depending on specific IC) | | **Operating Temp** | -40°C to +85°C | | **Read Range** | Short to Medium (up to 20-30cm depending on reader/antenna) | --- ### 2. Internal Electronic Construction The device is a passive electronic component, meaning it has no battery. It consists of three primary layers: 1. **The Integrated Circuit (IC):** A tiny silicon chip that stores the Unique Identifier (UID) and user data. It contains a power management unit that harvests energy from the reader's magnetic field. 2. **The Antenna:** A copper or aluminum coil etched onto a substrate. It serves as the interface to receive RF energy and transmit data via backscatter modulation. 3. **Encapsulation/Substrate:** A protective layer (often PET or Epoxy) that shields the delicate electronics from moisture, pressure, and chemicals. --- ### 3. Operational Logic The electronic operation follows a "Request-Response" cycle: * **Inductive Coupling:** When the tag enters a 13.56 MHz magnetic field, the antenna picks up the signal through induction. * **Rectification:** The IC converts this AC signal into a small DC voltage to power its internal logic. * **Modulation:** To send data back, the IC changes the load on its antenna (Load Modulation). The reader detects these tiny fluctuations in the magnetic field and translates them into binary data. --- ### 4. Typical Applications * **Medical Equipment:** Tracking surgical tools or high-value consumables. * **Industrial Tooling:** Identifying bits and components in CNC or automated machinery. * **Anti-Counterfeiting:** Ensuring the authenticity of high-end luxury goods or pharmaceutical packaging. ---
    ✨ Follow-up Questions
    • ⤷ What are the mounting requirements for the MA18TAG-R on metal surfaces?
    • ⤷ Does this tag support encryption for secure data storage?
    • ⤷ What is the physical size and form factor of the MA18TAG-R?