Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA18TCA-R

  • AI
    The **MA18TCA-R** is a specific model of a **Thermoelectric Cooling (TEC) Assembly**, typically manufactured by companies like Laird Thermal Systems. These devices are used for precise temperature control in medical, analytical, and industrial instrumentation. Below is a detailed breakdown of its electronic and electromechanical components. --- ## 1. Core Technical Specifications The MA18TCA-R is an air-to-air cooling unit. Its electronic performance is defined by its heat pumping capacity and power consumption. | Parameter | Typical Value | | :--- | :--- | | **Nominal Voltage** | 12 VDC or 24 VDC (Model dependent) | | **Max Current (Imax)** | ~2.5 A to 4.5 A | | **Cooling Capacity (Qmax)** | ~18 Watts | | **Operating Temperature** | -10°C to +45°C | | **Control Method** | PWM (Pulse Width Modulation) or On/Off | --- ## 2. Key Electronic Components ### A. Thermoelectric Modules (TEMs) The "heart" of the assembly. These are solid-state heat pumps made of Bismuth Telluride semiconductor pellets. * **Function:** When DC current flows through the TEM, it creates a temperature differential (Peltier Effect), moving heat from the "cold" side to the "hot" side. * **Wiring:** Usually wired in series to match the input voltage requirements. ### B. DC Fans The unit contains two distinct fans to facilitate heat transfer: 1. **Internal Fan:** Circulates air within the enclosure to be cooled. 2. **External Fan:** Blows ambient air across the hot-side heat sink to dissipate the extracted heat. * **Protection:** Most models include integrated polarity protection for the fans. ### C. Thermal Interface Materials (TIM) High-conductivity greases or pads are used between the TEMs and the aluminum heat sinks to ensure maximum electron-to-photon thermal efficiency. --- ## 3. Wiring and Connectivity The assembly typically features a multi-wire lead system for integration into a larger electronic control system. | Wire Color (Standard) | Function | Description | | :--- | :--- | :--- | | **Red** | Positive (+) | Main power for the Peltier elements. | | **Black** | Negative (-) | Ground/Return for the Peltier elements. | | **Yellow/Blue** | Fan Power | Dedicated power lines for the hot/cold side fans. | --- ## 4. Operational Logic To integrate the MA18TCA-R into an electronic circuit, the following logic is applied: ```python # Conceptual logic for a Temperature Controller driving the MA18TCA-R if current_temp > setpoint + hysteresis: apply_voltage(12.0) # Full cooling power start_fans() elif current_temp <= setpoint: apply_voltage(0.0) # Stop cooling stop_fans() ``` --- ## 5. Typical Applications * **Medical Diagnostics:** Cooling reagents or samples. * **Photonics:** Stabilizing laser diode temperatures. * **Storage:** Small electronic enclosures or battery cooling.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power consumption in Watts for this specific model?
    • ⤷ Does the MA18TCA-R support reverse polarity for heating applications?
    • ⤷ What type of external temperature controller is recommended for this assembly?