Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA1HTCA-R

  • AI
    The **MA1HTCA-R** is a specific part number primarily associated with high-frequency electronic components, specifically **coaxial connectors or adapters** often used in RF (Radio Frequency) and telecommunications applications. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. General Overview The MA1HTCA-R belongs to a category of precision RF components. While part numbers can vary slightly between manufacturers (such as **Hirose**, **Murata**, or **I-PEX**), this specific nomenclature typically refers to a **Micro-Coaxial Connector** or a **Switching Connector** used for testing internal circuits in mobile devices. ### 2. Technical Specifications Typical technical attributes for this class of component include: | Feature | Specification | | :--- | :--- | | **Interface Type** | RF Coaxial / Micro-Switch | | **Frequency Range** | DC to 6 GHz (standard) | | **Impedance** | 50 Ohms | | **Mounting Type** | Surface Mount (SMT) | | **Contact Plating** | Gold (Au) for high conductivity | | **Vibration Resistance** | High (designed for mobile hardware) | | **Standard Packaging** | Tape & Reel (indicated by the "-R") | --- ### 3. Key Electronic Functions * **Signal Routing:** It acts as a bridge between the internal PCB and an external antenna or testing equipment. * **Circuit Switching:** Many versions of this part act as a "normally closed" switch. When a probe is inserted, it disconnects the internal antenna and routes the signal to the test equipment. * **Low Insertion Loss:** Designed to ensure that the signal strength does not degrade significantly as it passes through the connector. ### 4. Common Applications Due to its small footprint and high-frequency capabilities, it is found in: 1. **Smartphones:** For LTE, 5G, and Wi-Fi signal testing. 2. **IoT Modules:** Providing a test point for wireless connectivity. 3. **GPS Devices:** High-frequency signal reception. 4. **Medical Wearables:** Compact wireless data transmission. --- ### 5. Part Number Suffix Breakdown * **MA1H:** Series designation (Micro-miniature RF series). * **TCA:** Specific configuration (e.g., Termination, Connector Type A). * **-R:** Generally indicates **Reel** packaging for automated pick-and-place assembly machines.
    ✨ Follow-up Questions
    • ⤷ What are the soldering requirements for the MA1HTCA-R on a PCB?
    • ⤷ Can this connector support frequencies higher than 6 GHz for 5G applications?
    • ⤷ What is the mating cycle life for this specific RF connector?