Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA21FCG-R

  • AI
    The **MA21FCG-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Bridge Rectifier**. These components are essential in power management circuits for converting Alternating Current (AC) to Direct Current (DC). ### Technical Specifications | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Bridge Rectifier | | **Package Type** | SMA / SMB / Mini-DIP (Surface Mount) | | **Peak Reverse Voltage ($V_{RRM}$)** | 100V - 1000V (Depending on series variant) | | **Forward Current ($I_F$)** | ~1.0A to 2.0A | | **Operating Temperature** | -55°C to +150°C | | **Configuration** | Full-Wave Bridge (4 Diodes) | --- ### Internal Structure and Function The "FCG" designation often refers to a **Fast Recovery** or **General Purpose** bridge. Internally, it consists of four diodes arranged in a bridge configuration: 1. **AC Input:** Two terminals receive the sine wave from a transformer or wall outlet. 2. **Rectification:** During the positive half-cycle, two diodes conduct; during the negative half-cycle, the other two diodes conduct. 3. **DC Output:** The result is a pulsating DC output that requires filtering (usually via a capacitor) to become smooth DC. ### Key Applications * **AC/DC Adapters:** Used in small chargers for electronics. * **LED Drivers:** Converts mains power to DC for LED arrays. * **Power Supplies:** Found in the input stage of Switch Mode Power Supplies (SMPS). * **Consumer Electronics:** Used in household appliances like toasters or coffee makers to power internal logic boards. ### Part Number Breakdown (MA21 Series) * **MA:** Manufacturer prefix (often associated with brands like Microsemi or specialized Asian manufacturers). * **21:** Series code denoting current rating or physical dimensions. * **FCG:** Technical sub-variant (often indicating Lead-Free/Halogen-Free or specific recovery speeds). * **-R:** Usually indicates **Tape and Reel** packaging for automated pick-and-place assembly. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum peak reverse voltage for the MA21FCG-R?
    • ⤷ Can this part be used in high-frequency switching power supplies?
    • ⤷ What are the footprint dimensions for the SMD package of this rectifier?