Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA22FCG-R

  • AI
    ## Technical Overview: MA22FCG-R The **MA22FCG-R** is a specific part number typically associated with high-precision **Thin Film Chip Resistors**. These components are widely used in automotive, medical, and industrial electronics where stability and low noise are critical. --- ### 1. Key Technical Specifications Based on standard nomenclature for this series (often produced by manufacturers like Viking Tech or similar high-precision specialists), here are the primary electronic characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Thin Film Precision Chip Resistor | | **Case Size** | 0402 (Metric 1005) | | **Resistance Value** | 22 Ohms (indicated by "22") | | **Tolerance** | ±0.5% (represented by "D" or "F" depending on series) | | **Temperature Coefficient (TCR)** | ±50 ppm/°C (Standard) | | **Power Rating** | 1/16 W (0.063W) | | **Operating Voltage** | 50V Max | --- ### 2. Internal Construction Unlike standard thick film resistors, the MA22FCG-R utilizes **Thin Film technology**, which involves sputtering a metallic layer onto a ceramic substrate. * **Substrate:** High-purity Alumina (Al2O3) for thermal dissipation. * **Resistive Layer:** NiCr (Nickel-Chromium) or similar alloy for high stability. * **Protective Coating:** Epoxy or glass overcoat to prevent oxidation and environmental damage. * **Terminations:** Multi-layer construction (typically Solder/Nickel/Copper) to ensure excellent solderability and prevent "leaching." --- ### 3. Usage & Applications Due to its precise nature, this part is found in circuits that require high reliability: 1. **Signal Processing:** Low-noise characteristics make it ideal for audio and instrumentation amplifiers. 2. **Voltage Regulation:** Used in feedback loops where resistance drift would cause output voltage errors. 3. **Automotive Electronics:** Used in Engine Control Units (ECU) due to its stability under temperature fluctuations. 4. **Telecommunications:** Used in high-frequency circuits where parasitic inductance must be minimized. --- ### 4. Part Number Breakdown (Example) While specific manufacturers may vary slightly, the code generally follows this logic: * **MA:** Series designation (Thin Film High Precision). * **22:** Base resistance value (22). * **F:** Tolerance code (Often ±1%). * **C:** Temperature Coefficient code. * **G:** Packaging code (e.g., Tape & Reel). * **R:** RohS Compliant / Lead-Free. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between thin film and thick film resistors in precision circuits?
    • ⤷ How does the 'R' suffix impact the environmental compliance of the MA22FCG-R?
    • ⤷ Can this component be used in high-frequency RF applications?