Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA22TCA-R

  • AI
    ## Overview of the MA22TCA-R The **MA22TCA-R** is a specific model of a **solid-state relay (SSR)** or a specialized **magnetic actuator/sensor switch**, frequently utilized in industrial automation, safety systems, and motion control. Below is a breakdown of its electronic composition and functional parts. --- ### 1. Component Specifications The "MA" series generally refers to magnetically actuated non-contact safety switches. The "R" suffix typically denotes a specific mounting style or a particular contact configuration (often Reed-based or Hall Effect). | Feature | Description | | :--- | :--- | | **Technology** | Non-contact Magnetic Actuation | | **Contact Type** | Normally Open (NO) / Normally Closed (NC) combinations | | **Housing Material** | Robust Plastic or Stainless Steel (Application dependent) | | **Switching Voltage** | Typically 24V DC / 230V AC (Varies by sub-model) | | **Environmental Rating** | Often IP67 or IP69K (Waterproof/Dustproof) | --- ### 2. Internal Electronic Parts The internal circuitry is designed to detect a magnetic field without physical contact, reducing mechanical wear. #### A. Sensing Element * **Reed Switch:** A pair of flexible metal reeds in a hermetically sealed glass envelope. They move when exposed to a magnetic field. * **Hall Effect Sensor:** A semiconductor that varies its output voltage in response to a magnetic field (used in more advanced versions for longer life). #### B. Protection Circuitry * **Varistors (MOVs):** Protects the internal switch from voltage spikes or surges. * **Internal Fusing:** Some models include a non-resettable thermal fuse to prevent fire in case of a short circuit. #### C. The Actuator (External) While not an electronic part, the **Magnetic Actuator** is the "key" that completes the system. It contains high-coercivity magnets calibrated to the sensitivity of the internal sensing element. --- ### 3. Connection and Wiring The device usually features a 4-wire or 6-wire configuration to allow for dual-channel safety monitoring. ```yaml Wiring Layout (Typical): - Brown/Blue: Power Supply (if active) or Common - Black/White: Safety Channel 1 (N.O.) - Red/Yellow: Safety Channel 2 (N.C. or N.O.) ``` ### 4. Key Advantages 1. **Tamper Resistance:** Designed to be difficult to bypass with standard magnets. 2. **Misalignment Tolerance:** Electronic sensors allow the door/gate to be slightly misaligned while still functioning. 3. **High Switching Frequency:** Since there are few moving parts, the electronic switching can occur thousands of times without degradation. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the MA22TCA-R?
    • ⤷ How do I wire this sensor to a safety relay?
    • ⤷ Is the MA22TCA-R compatible with AC and DC circuits?