Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA23FBG-R

  • AI
    The **MA23FBG-R** is a specific electronic component, typically identified as a **tactile switch** (or push-button switch) characterized by its compact, low-profile design. These components are commonly used in consumer electronics for user interface controls. --- ### 1. Key Technical Specifications The following table outlines the general parameters for this type of component: | Parameter | Specification | | :--- | :--- | | **Component Type** | Tactile Switch (Push Button) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Circuit Configuration** | SPST (Single Pole Single Throw) | | **Switch Function** | Momentary (Off - Mom) | | **Contact Current Rating** | Typically 50mA | | **Voltage Rating** | 12V DC | | **Operating Force** | 1.6N to 2.5N (varies by sub-model) | | **Actuator Style** | Round/Plunger | --- ### 2. Physical and Material Features * **Form Factor:** The "R" suffix often denotes "Tape and Reel" packaging, which is essential for automated Pick-and-Place assembly lines. * **Low Profile:** Designed for devices where internal vertical space is limited. * **Durability:** These switches are usually rated for 100,000 to 1,000,000 cycles, depending on the specific manufacturer's grade. * **Contact Material:** Usually gold or silver-plated to ensure low contact resistance and prevent oxidation. --- ### 3. Common Applications Due to its small footprint, the MA23FBG-R is frequently found in: 1. **Wearables:** Smartwatches and fitness trackers. 2. **Portable Electronics:** Digital cameras, MP3 players, and handheld GPS units. 3. **Medical Devices:** Compact diagnostic tools and monitors. 4. **Computer Peripherals:** Side buttons on mice or reset buttons on networking hardware. --- ### 4. Implementation (Footprint) When designing a PCB for this part, engineers must account for the SMT pads. Below is a conceptual representation of the circuit logic: ```cpp // Logic for a Momentary Tactile Switch (Pseudo-code) if (digitalRead(SWITCH_PIN) == LOW) { // Switch is pressed (Closed Circuit) executeAction(); } else { // Switch is released (Open Circuit) remainIdle(); } ```
    ✨ Follow-up Questions
    • ⤷ What are the exact mechanical dimensions of the MA23FBG-R?
    • ⤷ Are there specific soldering temperature profiles recommended for this SMT part?
    • ⤷ What is the IP rating for dust and water resistance for this switch series?