Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA23FCG-R

  • AI
    The **MA23FCG-R** is a specific electronic component primarily identified as a high-performance **Crystal Oscillator**. It is commonly utilized in telecommunications, networking, and precision timing circuits. --- ## 1. Technical Specifications The MA23FCG-R belongs to a family of timing devices designed for stability and high-frequency accuracy. Below is a breakdown of its typical characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | Crystal Oscillator (SMD) | | **Package Type** | Surface Mount Device (SMD) | | **Typical Dimensions** | Usually 2.5mm x 2.0mm or 3.2mm x 2.5mm | | **Output Type** | CMOS / HCMOS | | **Supply Voltage** | Typically 1.8V to 3.3V | | **Frequency Stability** | ±20ppm to ±50ppm (varies by sub-spec) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ## 2. Key Internal Electronic Parts The device is not a single crystal but an integrated module consisting of several functional parts: ### A. Quartz Crystal Blank The heart of the component is a thin slice of synthetic quartz. It uses the **piezoelectric effect** to vibrate at a precise mechanical frequency when an electric field is applied. ### B. Oscillator IC (Application Specific IC) This integrated circuit provides the necessary electronics to: * Maintain the oscillation of the quartz crystal. * Amplify the signal. * Regulate the output to standard logic levels (like CMOS). ### C. Ceramic Base and Metal Lid The internal components are housed in a ceramic package with a hermetically sealed metal lid. This protects the sensitive quartz from moisture and atmospheric pressure changes, ensuring long-term frequency stability. --- ## 3. Application Areas Because of its small footprint and reliability, the MA23FCG-R is found in: * **Mobile Electronics:** Smartphones and tablets requiring compact timing. * **IoT Devices:** Low-power sensors that need precise wake-up intervals. * **Computing:** Clock generation for microprocessors and FPGAs. * **Network Hardware:** Ethernet switches and routers. --- ## 4. Part Number Breakdown (General) While naming conventions vary by manufacturer, the "R" suffix usually denotes **Tape & Reel** packaging, indicating that the parts are intended for automated pick-and-place assembly lines.
    ✨ Follow-up Questions
    • ⤷What is the exact frequency of the MA23FCG-R variant?
    • ⤷ How does frequency stability (ppm) affect circuit performance?
    • ⤷ What are the soldering layout requirements for this SMD package?