Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA23TAX-R

  • AI
    The **MA23TAX-R** is a specific part number typically associated with the **M23 series** of industrial circular connectors, specifically from manufacturers like **Phoenix Contact** or **TE Connectivity (Intercontec)**. These components are designed for robust electrical connections in automation and motion control. --- ### 1. General Specifications The "MA" series generally refers to the housing or cable connector assembly within the M23 standard. | Feature | Description | | :--- | :--- | | **Standard** | M23 Circular Connector | | **Gender** | Male (Plug) / Female (Socket) - varies by configuration | | **Mounting Type** | Cable connector or panel mount | | **Locking System** | Screw locking (standard) or Speedtec (fast-lock) | | **Protection Class** | IP67 (Dust tight and water immersion) | --- ### 2. Breakdown of Components An M23 connector like the MA23TAX-R consists of several internal electronic and mechanical parts: #### A. The Insert (The Core) This is the plastic insulation body that holds the electrical pins. * **Pole Count:** Common configurations are 6, 7, 9, 12, 17, or 19 poles. * **Material:** Usually high-performance plastics (PA or PBT) capable of withstanding high temperatures. #### B. Contacts (Pins and Sockets) The actual conductive elements. * **Plating:** Usually Gold-plated (Au) over Nickel (Ni) to ensure low contact resistance and prevent corrosion. * **Termination:** Usually **Crimp** (for high vibration) or **Solder** (for manual assembly). #### C. Shielding (EMC) Electronic components in industrial environments face High-Frequency interference. * **360° Shielding:** The housing is metallic (usually Zinc die-cast) to provide an EMI/RFI shield, protecting the signal integrity of the wires inside. --- ### 3. Application Use-Cases The MA23TAX-R series is primarily used in the following electronic environments: 1. **Servo Motors:** Providing power and feedback (encoder) signals. 2. **Robotics:** For multi-axis control where high durability and flexibility are required. 3. **Sensors:** Connecting complex sensor arrays to a central PLC. --- ### 4. Technical Electrical Data (Typical) Depending on the specific pin configuration (Signal vs. Power), the electrical limits are generally: | Parameter | Signal Contacts | Power Contacts | | :--- | :--- | :--- | | **Rated Voltage** | 48V - 150V | 630V | | **Rated Current** | 8A - 10A | 20A - 30A | | **Contact Resistance** | < 3 mΩ | < 1 mΩ | ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pin count for the MA23TAX-R variant?
    • ⤷ How does the 'R' suffix affect the mounting or locking orientation?
    • ⤷ Is this part compatible with Speedtec quick-locking systems?