Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA24FBG-R

  • AI
    The **MA24FBG-R** is a specialized high-frequency electronic component, typically classified as a **dielectric resonator antenna** or a **microwave filter/resonator element**. These components are frequently used in wireless communication systems, particularly for short-range radar (like automotive BSD) or satellite communications. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature used by manufacturers (often associated with brands like **Murata** or specialized microwave component vendors). | Feature | Specification Details | | :--- | :--- | | **Component Type** | Dielectric Resonator / Antenna Element | | **Operating Frequency** | Typically centered around **24 GHz** (K-band) | | **Material** | High-permittivity ceramic (Dielectric) | | **Mounting Type** | Surface Mount (SMD) | | **Applications** | 24GHz ISM Band, Doppler Sensors, Radar | ### 2. Physical and Electrical Characteristics * **High Q-Factor:** These parts are designed to have a high Quality (Q) factor, ensuring minimal energy loss at extremely high frequencies. * **Frequency Stability:** The "MA" series usually features excellent temperature stability, meaning the frequency does not drift significantly as the device heats up. * **Compact Form Factor:** Designed for modern PCB layouts where space is at a premium, utilizing the high dielectric constant of the ceramic to reduce the physical size of the resonant structure. ### 3. Common Applications The MA24FBG-R is most commonly found in the following electronic assemblies: 1. **Automotive Radar:** Used in Blind Spot Detection (BSD) and Lane Change Assist (LCA) modules operating at the 24GHz frequency. 2. **Motion Sensors:** Integrated into automatic door openers or security lighting sensors that use the Doppler effect to detect movement. 3. **Industrial Telemetry:** High-speed wireless data links in industrial environments. --- ### 4. Circuit Implementation Example In a typical RF front-end circuit, the MA24FBG-R acts as the frequency-determining element for an oscillator (DRO - Dielectric Resonator Oscillator). ```cpp // Logic representation of a 24GHz Radar Module using the Resonator Module Radar_Sensor { Component: MA24FBG-R; // Frequency Stability Element Frequency: 24.125 GHz; Input: DC_Power (3.3V - 5V); Output: IF_Signal (Intermediate Frequency); Function: "Detects velocity via Doppler Shift"; } ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives to the MA24FBG-R for 24GHz radar designs?
    • ⤷ How does the dielectric constant of this part affect its resonant frequency?
    • ⤷ What is the typical footprint size for the MA24FBG-R on a PCB?