Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA24FBX-R

  • AI
    The **MA24FBX-R** is a specific model of a **Brushless DC (BLDC) Motor**, typically used in cooling applications such as refrigerators, air conditioners, and small electronic appliances. It is often manufactured by brands like Nidec or similar OEM suppliers for appliance giants like Samsung or LG. --- ## 1. Technical Specifications The following table outlines the typical electrical and mechanical characteristics of the MA24FBX-R motor: | Characteristic | Specification | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Voltage** | 12V DC (Typical range 7V - 15V) | | **Current Rating** | ~0.15A to 0.25A | | **Speed (RPM)** | Variable (Controlled via PWM or Voltage) | | **Rotation** | Counter-Clockwise (CCW) or Clockwise (CW) depending on variant | | **Shaft Diameter** | Typically 3mm - 4mm | | **Bearing Type** | Sleeve or Ball Bearing | --- ## 2. Key Electronic Components The "R" suffix and the internal circuitry of this part usually involve three main electronic sections: ### A. The Stator Windings Inside the motor housing are copper wire coils. Unlike brushed motors, these coils are stationary. In a BLDC setup like the MA24FBX-R, the electronics switch the magnetic field between these coils to pull the permanent magnet rotor around. ### B. Integrated Driver IC The motor contains a small Printed Circuit Board (PCB) inside the rear housing. This board includes: * **Commutation Controller:** Replaces the physical brushes to flip the polarity of the coils. * **Protection Diode:** Prevents damage from reverse polarity. * **Soft Start Logic:** Ensures the motor doesn't draw a massive current spike upon initialization. ### C. Wiring Configuration The MA24FBX-R usually features a 3-wire or 4-wire connector: 1. **Red (VCC):** Positive 12V supply. 2. **Black (GND):** Ground. 3. **White/Yellow (FG/Tacho):** Frequency Generator signal. It outputs a pulse for every rotation, allowing the main appliance controller to monitor the actual fan speed. 4. **Blue (PWM):** (If 4-wire) Allows for precise speed control from the mainboard. --- ## 3. Common Applications Due to its high efficiency and low noise, this part is predominantly found in: * **Refrigerator Evaporators:** Circulating cold air from the freezer to the fridge compartment. * **Condenser Cooling:** Cooling the compressor coils. * **Medical Equipment:** Small-scale ventilation where reliability is critical. --- ## 4. Troubleshooting & Failure Points * **Bearing Wear:** High-pitched whining or mechanical seizing. * **Hall Effect Sensor Failure:** If the internal sensor fails, the motor may "stutter" or fail to start because the controller doesn't know the rotor's position. * **Moisture Ingress:** Since these are often in fridges, ice buildup or humidity can corrode the internal PCB.
    ✨ Follow-up Questions
    • ⤷ How do I test the FG (Frequency Generator) signal on this motor using a multimeter?
    • ⤷ What are the compatible replacement models for the MA24FBX-R?
    • ⤷ Can this motor be run directly from a 12V battery without an external controller?