Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA24TCA-R

  • AI
    The **MA24TCA-R** is an ultra-miniature, high-performance DC-DC converter typically manufactured by companies like **MINMAX**. It is designed for applications where space is at a premium and high efficiency is required. --- ## 1. Technical Specifications Overview The part number follows a specific nomenclature that defines its electronic characteristics. Below is a breakdown of its primary specifications: | Parameter | Specification | |:---|:---| | **Input Voltage Range** | 18V to 36V DC (24V Nominal) | | **Output Voltage** | 5V DC (Typical for TCA series) | | **Output Current** | 600 mA | | **Power Rating** | 3 Watts | | **Isolation Voltage** | 1500V DC | | **Efficiency** | ~80% to 84% | | **Package Style** | SMD (Surface Mount Device) | --- ## 2. Key Electronic Components & Features ### Internal Architecture * **Switching Regulator:** Uses a high-frequency PWM (Pulse Width Modulation) controller to maintain a stable output voltage despite input fluctuations. * **Isolation Barrier:** Features an internal transformer that provides galvanic isolation between the input and output circuits, protecting sensitive downstream components from high-voltage surges. * **EMI Filtering:** Includes internal capacitors and inductors to minimize electromagnetic interference, though external capacitors are often recommended for strict compliance. ### Protection Circuitry The MA24TCA-R includes several integrated safety features: 1. **Short Circuit Protection:** Continuous, hiccup-mode protection that resets automatically once the fault is removed. 2. **Overload Protection:** Prevents the device from overheating if the load exceeds the rated 3W. 3. **Under-Voltage Lockout (UVLO):** Ensures the converter does not attempt to operate when the input voltage is too low, preventing erratic behavior. --- ## 3. Typical Application Circuit When integrating the MA24TCA-R into a PCB design, a standard decoupling circuit is recommended to ensure stability. ```markdown Input (+Vin) ----[ Ferrite Bead ]----+---- (Pin 1: +Vin) | [Cin] 10uF | Input (-Vin) ------------------------+---- (Pin 2: -Vin) Output (+Vout) --------------------------- (Pin 6: +Vout) | [Cout] 100uF | Output (-Vout) --------------------------- (Pin 7: -Vout) ``` --- ## 4. Usage Considerations * **Thermal Management:** Because of its small SMD footprint, the device relies on the PCB copper planes for heat dissipation. Ensure adequate "Keep-out" zones are respected according to the datasheet. * **Remote On/Off:** Some variants of this series include a remote control pin to power down the converter to a low-current standby mode. * **RoHS Compliance:** The "-R" suffix typically denotes **RoHS Compliance**, meaning the part is lead-free and meets environmental safety standards.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout dimensions for the MA24TCA-R SMD package?
    • ⤷ Does the MA24TCA-R require a minimum load for stable operation?
    • ⤷ What is the maximum operating temperature range for this converter?