Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA28FCG-R

  • AI
    The **MA28FCG-R** is a specialized electronic component, specifically a **high-precision, ultra-low power magnetic sensor (Hall IC)** typically manufactured by **MagnTek**. It is widely used in automotive and industrial applications for non-contact position sensing. --- ### 1. Key Technical Specifications The device is designed to detect the rotation or position of a magnet with high reliability. | Feature | Specification | | :--- | :--- | | **Type** | Linear Hall Effect Sensor / Angle Sensor | | **Output Type** | PWM (Pulse Width Modulation) or Analog | | **Supply Voltage ($V_{DD}$)** | 3.3V to 5.0V (Typical) | | **Resolution** | 10-bit to 12-bit (depending on mode) | | **Package** | SOT-23 or similar small-footprint SMD | | **Operating Temp** | -40°C to +125°C (Automotive Grade) | --- ### 2. Core Functional Blocks Internally, the MA28FCG-R consists of several sophisticated stages to convert magnetic flux into a usable electronic signal: 1. **Hall Element Array:** A series of plates that generate a micro-voltage when exposed to a magnetic field. 2. **PGA (Programmable Gain Amplifier):** Amplifies the weak Hall signals while canceling out DC offsets. 3. **ADC (Analog-to-Digital Converter):** Converts the amplified analog voltage into a high-resolution digital value. 4. **DSP (Digital Signal Processor):** Performs "CORDIC" algorithms to calculate the exact angle of the magnetic field and applies temperature compensation. 5. **Output Driver:** Formats the final data into a **PWM signal** (where the duty cycle represents the angle) or a ratiometric **Analog voltage**. --- ### 3. Application Use Cases Because it is a non-contact sensor, it is immune to mechanical wear and tear. * **Throttle Position Sensing:** Detecting the angle of a vehicle's accelerator pedal. * **Valve Control:** Monitoring the open/closed status of industrial fluid valves. * **Handlebar Sensing:** Used in e-bikes and scooters for throttle control. * **Level Sensing:** Measuring liquid levels via a floating magnet. --- ### 4. Advantages of the "R" Suffix The "R" in the part number usually denotes **Tape and Reel** packaging, indicating it is intended for automated high-speed SMT (Surface Mount Technology) assembly lines.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the MA28FCG-R?
    • ⤷ How does PWM output compare to Analog output in this sensor?
    • ⤷ What is the maximum magnetic field strength (Gauss) this sensor can handle?