Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA2HFAX-R

  • AI
    The **MA2HFAX-R** is a high-performance electronic component, specifically a **Surface Mount (SMT) RF Schottky Barrier Diode Network** manufactured by MACOM. It is primarily utilized in high-frequency mixing, detecting, and switching applications. --- ### 1. Key Technical Specifications The following table highlights the core electrical characteristics of the MA2HFAX-R: | Parameter | Specification | | :--- | :--- | | **Type** | Schottky Barrier Diode | | **Configuration** | Ring Quad (4 Diodes) | | **Frequency Range** | Up to 4.0 GHz | | **Forward Voltage ($V_F$)** | ~0.3 V to 0.5 V | | **Capacitance ($C_t$)** | Low (typically < 0.5 pF) | | **Package Type** | SOT-143 (Surface Mount) | | **RoHS Compliant** | Yes | --- ### 2. Functional Description The "R" in the part number suffix usually indicates a **Ring Quad** configuration. In this setup, four diodes are connected in a loop (anode to cathode), providing a balanced circuit structure. * **Low Barrier Height:** This allows for a low turn-on voltage, which is essential for high-sensitivity signal detection and low-power mixing. * **High Switching Speed:** Due to the Schottky construction (metal-semiconductor junction), there is minimal charge storage, allowing for extremely fast switching times in the nanosecond range. * **Monolithic Consistency:** Because the four diodes are fabricated on the same silicon chip, they have nearly identical electrical characteristics (matching), which is critical for carrier suppression in mixers. --- ### 3. Common Applications Due to its high-frequency capabilities and balanced design, the MA2HFAX-R is used in: 1. **Double Balanced Mixers (DBM):** Converting RF signals to Intermediate Frequencies (IF) in receivers. 2. **Phase Detectors:** Comparing the phase of two input signals in Phase Locked Loops (PLLs). 3. **Modulators/Demodulators:** Used in communication systems to encode or decode data onto a carrier wave. 4. **Sampling Bridges:** Used in high-speed test and measurement equipment. --- ### 4. Implementation Example (Pinout Logic) In a standard SOT-143 package for a Ring Quad, the connections are typically routed to facilitate easy integration into a bridge circuit: ```text [ Pin 4 ]-------( )-------[ Pin 3 ] | | | | [Diode] | | | | [ Pin 1 ]-------( )-------[ Pin 2 ] ``` *(Note: Refer to the specific MACOM datasheet for the exact internal orientation of the MA2HFAX-R.)*
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Ring Quad and a Crossover Quad configuration?
    • ⤷ How does the low capacitance of this diode impact its performance at 4 GHz?
    • ⤷ What are the thermal management requirements for SOT-143 RF components?