Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA2HTAX-R

  • AI
    The **MA2HTAX-R** is a specific part number belonging to a series of High-Frequency Schottky Barrier Diodes (SBDs) manufactured by **Panasonic**. These components are primarily designed for high-frequency rectification and switching applications in compact electronic devices. --- ## 1. Technical Specifications The "MA2H" series is known for its low forward voltage and fast switching capabilities. Below are the typical characteristics for this component: | Parameter | Value/Description | | :--- | :--- | | **Component Type** | Schottky Barrier Diode (SBD) | | **Configuration** | Single Diode | | **Maximum Reverse Voltage ($V_R$)** | 30V - 40V (Typical for series) | | **Forward Current ($I_F$)** | 100mA - 200mA | | **Forward Voltage ($V_F$)** | Low (approx. 0.4V to 0.5V) | | **Package Type** | Surface Mount (SMD) - Mini2-G3-B / SOD-323 style | | **RoHS Status** | Lead-free / Compliant | --- ## 2. Key Features * **Low Forward Voltage:** The Schottky construction ensures a lower voltage drop compared to standard silicon diodes, improving energy efficiency. * **High-Speed Switching:** Because it has no minority carrier recovery time, it can switch at very high frequencies. * **Small Footprint:** The "AX" suffix usually denotes a specific packaging tape or orientation optimized for automated pick-and-place machines in high-density PCB designs. * **Low Capacitance:** Designed to minimize signal distortion in high-frequency circuits. --- ## 3. Common Applications Due to its high-speed nature and small size, the MA2HTAX-R is frequently used in: 1. **Mobile Communication:** RF signal detection and high-frequency rectification in smartphones and tablets. 2. **DC-DC Converters:** Small-scale power conversion where efficiency is critical. 3. **Clamping & Protection:** Protecting sensitive IC inputs from voltage spikes. 4. **Signal Switching:** High-speed digital logic level shifting or signal routing. --- ## 4. Package Dimensions (Mini2-G3-B) The physical dimensions are critical for PCB layout. The typical package looks like this: ```text Top View +-----------+ | | | [ Mark ] | <-- Cathode Indication (Line) | | +-----------+ | | Anode Cathode ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents or substitutes for the MA2HTAX-R?
    • ⤷ How does the 'R' suffix affect the reel orientation in automated assembly?
    • ⤷ What is the maximum power dissipation for this diode at room temperature?