Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA2L1TCX-R

  • AI
    The **MA2L1TCX-R** is a specific part number belonging to the family of **Surface Mount (SMD) Power Inductors**, typically manufactured by companies like **Maglayers** or similar magnetic component specialists. These components are crucial in power management circuits for energy storage and filtering. --- ### 1. Technical Specifications Based on the standard nomenclature for this series, here are the key electronic characteristics: | Property | Typical Value / Description | |:---|:---| | **Inductance** | Usually specified in the middle digits (e.g., 1.0µH to 4.7µH) | | **Tolerance** | ±20% (Standard for power inductors) | | **Material** | Metal Alloy Powder (Composite) | | **Shielding** | Magnetically Shielded (Low EMI) | | **Mounting Type** | SMD/SMT (Surface Mount Technology) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Physical Construction The "MA" series generally refers to **Molded Alloy** inductors. Unlike traditional wire-wound inductors with an open core, these are constructed by: 1. Winding a copper coil. 2. Placing it in a mold. 3. Pressing magnetic metal powder around the coil to form a solid block. **Benefits of this construction:** * **High Saturation Current:** They do not saturate "hard" like ferrite cores; they have a soft saturation curve. * **Low Profile:** Designed for thin electronics like smartphones and tablets. * **Acoustic Noise Reduction:** The molded structure minimizes "coil whine." --- ### 3. Application Use Cases The MA2L1TCX-R is primarily used in **DC-DC Converter circuits**. You will find it in: * **Buck Converters:** Stepping down voltage for CPU/GPU cores. * **Mobile Devices:** PMIC (Power Management IC) circuits in phones. * **IoT Sensors:** Where small footprint and high efficiency are required. * **Laptops:** Providing stable current to various peripheral rails. --- ### 4. Decoding the Part Number (Generic) While manufacturers vary slightly, the code typically breaks down as follows: | Segment | Meaning | |:---|:---| | **MA** | Series Name (Molded Alloy) | | **2L** | Case Size (e.g., 2.0 x 1.6 mm or 2.5 x 2.0 mm) | | **1TCX** | Internal material code / Inductance value code | | **R** | Packaging (usually indicates Tape & Reel) | ---
    ✨ Follow-up Questions
    • ⤷What is the exact inductance value of the MA2L1TCX-R?
    • ⤷ How does a molded alloy inductor compare to a traditional ferrite core?
    • ⤷ What are the footprint dimensions for the 2L package size?