Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA61FBX-R

  • AI
    The **MA61FBX-R** is a specific model within the series of high-performance **Fiber Optic Transceiver** modules, typically used in industrial automation, medical equipment, and high-speed data communication. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. General Specifications The MA61FBX-R is designed to convert electrical signals into optical signals (and vice versa) for long-distance data transmission without electromagnetic interference. | Feature | Description | | :--- | :--- | | **Component Type** | Fiber Optic Receiver (indicated by the 'R' suffix) | | **Data Rate** | Typically supports up to 50 Mbps or 125 Mbps (depending on specific revision) | | **Interface** | TTL / CMOS Compatible | | **Connector Type** | F05 (Toslink style) or Versatile Link (depending on housing) | | **Wavelength** | 650nm (Red Visible Light) | --- ### 2. Internal Electronic Architecture The module consists of several critical sub-components integrated into a single compact package: * **Photodiode:** A high-speed PIN photodiode that converts incoming light pulses from the fiber cable back into an electrical current. * **Transimpedance Amplifier (TIA):** Converts the small current from the photodiode into a usable voltage signal. * **Limiting Amplifier / Quantizer:** Squares up the signal to produce a clean digital output (TTL/CMOS levels), removing noise and jitter. * **Decoupling Capacitors:** Internal surface-mount capacitors used to stabilize the power supply and reduce electrical noise. --- ### 3. Pin Configuration and Electrical Characteristics Standard operational parameters for this class of receiver: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | Supply Voltage | $V_{CC}$ | 4.75V to 5.25V (Standard 5V) | | Supply Current | $I_{CC}$ | 20mA - 40mA | | Output High Voltage | $V_{OH}$ | $V_{CC}$ - 0.5V | | Output Low Voltage | $V_{OL}$ | 0.4V | | Storage Temperature | $T_{stg}$ | -40°C to +85°C | --- ### 4. Key Advantages 1. **EMI/RFI Immunity:** Because it uses light instead of copper, it is immune to electrical noise found in factory environments. 2. **Galvanic Isolation:** Provides total electrical isolation between the transmitter and receiver, protecting sensitive circuitry from high-voltage surges. 3. **Plug-and-Play:** Requires very few external components (usually just a bypass capacitor) to integrate into a PCB design. --- ### 5. Common Applications * **Industrial Control:** PLC to HMI communication in noisy environments. * **Medical:** High-voltage isolation in MRI or X-ray equipment. * **Audio:** Digital audio transmission (S/PDIF standard variants). * **Power Electronics:** Triggering signals for high-power IGBTs or Thyristors.
    ✨ Follow-up Questions
    • ⤷ What is the maximum transmission distance for the MA61FBX-R using standard plastic optical fiber?
    • ⤷ Does the MA61FBX-R require a specific driver IC for its output?
    • ⤷ What are the primary differences between the 'R' receiver and its 'T' transmitter counterpart?