Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA62FBA-R

  • AI
    The **MA62FBA-R** is an electronic component primarily classified as a **Precision Thin Film Chip Resistor**. These components are widely used in circuits requiring high stability, low noise, and high accuracy. --- ## 1. Technical Specifications The following table outlines the typical electrical and physical characteristics of this series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Thin Film Precision Resistor | | **Resistance Tolerance** | ±0.1% to ±1% (Typical) | | **Temperature Coefficient (TCR)** | ±25 ppm/°C to ±50 ppm/°C | | **Power Rating** | 0.063W to 0.1W (Depending on case size) | | **Operating Temperature** | -55°C to +155°C | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ## 2. Key Internal Components & Materials The "Electronic Parts" or internal construction of a thin film resistor like the MA62FBA-R consists of several layers: ### A. Substrate The base is usually high-purity **Alumina (Al2O3) ceramic**. This provides mechanical strength and excellent electrical insulation. ### B. Resistive Layer Unlike "Thick Film" resistors that use a paste, "Thin Film" resistors use **Nickel-Chromium (NiCr)** or similar metal alloys. This is sputtered onto the substrate in an extremely thin, uniform layer, allowing for much tighter tolerances. ### C. Termination (Electrodes) The ends of the component consist of multiple layers: * **Inner layer:** Sputtered or printed conductive material. * **Barrier layer:** Usually **Nickel (Ni)**, which prevents "leaching" during the soldering process. * **Outer layer:** **Tin (Sn)** or Tin-Lead (SnPb), ensuring excellent solderability. --- ## 3. Part Number Breakdown (Typical) While specific manufacturer prefixes vary, the suffix and core code usually indicate the following: * **MA62:** The series designation (Thin film, specific size). * **F / B:** Often represent the **Tolerance** (e.g., F = 1%, B = 0.1%). * **A:** May represent the **Temperature Coefficient** or Power Rating code. * **-R:** Standard industry notation for **Tape & Reel** packaging, suitable for automated pick-and-place machines. --- ## 4. Application Use Cases Due to its precision nature, the MA62FBA-R is used in: 1. **Medical Equipment:** Monitoring devices where signal integrity is vital. 2. **Instrumentation:** Multimeters and sensors requiring low drift over time. 3. **Telecommunications:** High-frequency circuits where noise must be minimized. 4. **Automotive Electronics:** Control units that operate in varying temperature environments.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the MA62FBA-R variant you are looking for?
    • ⤷ How does a thin film resistor differ from a thick film resistor in terms of noise?
    • ⤷ What are the soldering requirements for the -R (Tape & Reel) packaging?