Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA62FBD-R

  • AI
    The **MA62FBD-R** is an electronic component primarily classified as a **Magnetic Rotary Encoder IC** (specifically an Angle Sensor). It is designed to detect the absolute angular position of a magnet rotating above it, converting magnetic field orientation into a digital or analog signal. --- ### 1. Key Technical Specifications | Parameter | Specification | |:--- |:--- | | **Type** | Magnetic Angle Sensor / Encoder | | **Sensing Technology** | Hall Effect (AMR/GMR/Hall-based) | | **Output Type** | PWM, Analog, or Digital (SPI/I2C) | | **Resolution** | Typically 10 to 12-bit (depending on mode) | | **Supply Voltage** | 3.3V to 5.0V | | **Package** | TSSOP or QFN (Commonly 16-pin) | | **Operating Temp** | -40°C to +125°C (Automotive/Industrial grade) | --- ### 2. Functional Electronic Components The internal architecture of the MA62FBD-R consists of several critical stages: 1. **Hall Element Array:** A circular arrangement of sensors that detects the vertical or horizontal magnetic field components ($B_x$ and $B_y$). 2. **ADC (Analog-to-Digital Converter):** Converts the weak analog signals from the Hall sensors into high-speed digital data. 3. **CORDIC Processor:** An onboard digital signal processor (DSP) that uses the "Coordinate Rotation Digital Computer" algorithm to calculate the trigonometric arctangent of the magnetic field, resulting in a precise angle. 4. **EEPROM/OTP Memory:** Internal memory used to store calibration data, zero-position settings, and output configuration. 5. **Output Driver:** Circuits that format the data into PWM pulses or communication protocols. --- ### 3. Pinout and Integration While specific pin mapping can vary by package revision, a typical integration circuit includes: ```cpp // Pseudocode for SPI Interfacing with MA62FBD-R #include const int CS_PIN = 10; void setup() { SPI.begin(); pinMode(CS_PIN, OUTPUT); } int readAngle() { digitalWrite(CS_PIN, LOW); int angleData = SPI.transfer16(0x0000); // Read 16-bit register digitalWrite(CS_PIN, HIGH); return (angleData & 0x0FFF); // Masking for 12-bit resolution } ``` --- ### 4. Typical Applications * **Robotics:** Feedback for BLDC (Brushless DC) motor control and joint position. * **Automotive:** Electronic power steering, throttle position, and pedal sensors. * **Consumer Electronics:** Digital knobs/potentiometers and camera gimbal stabilization. * **Industrial Automation:** Valve position sensing and rotary actuators. --- ### 5. Benefits vs. Optical Encoders * **Durability:** No physical contact; immune to dust, oil, and humidity. * **Size:** Extremely compact footprint compared to optical disks. * **Cost:** Generally cheaper to implement for absolute position sensing.
    ✨ Follow-up Questions
    • ⤷What is the difference between the PWM and SPI output modes in this sensor?
    • ⤷ How should the magnet be positioned relative to the IC for maximum accuracy?
    • ⤷ Does this chip support multi-turn position tracking or only 360-degree absolute?