Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA62TAD-R

  • AI
    The **MA62TAD-R** is a high-precision, magnetic absolute rotary encoder manufactured by **Magnescale** (formerly Sony Manufacturing Systems). This component is designed for motion control applications requiring high resolution, reliability in harsh environments, and real-time feedback. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Detection Method** | Magnetic (Non-contact) | | **Output Type** | Absolute (SSI - Synchronous Serial Interface) | | **Resolution** | Up to 18-bit (262,144 positions per revolution) | | **Voltage Supply** | +5V DC ± 5% | | **Interface** | RS-422 compliant (Differential signals) | | **Operating Temp** | -10°C to +80°C | --- ### 2. Core Electronic Components & Architecture The internal electronics of the MA62TAD-R consist of several critical stages that convert physical rotation into digital data: #### A. Magnetic Sensing Element Unlike optical encoders that use glass disks and LEDs, the MA62TAD-R uses a **magnetoresistive (MR) sensor**. This sensor detects the change in the magnetic field as a polarized magnetic drum or disk rotates nearby. * **Advantage:** It is immune to dust, oil, and vibration, which typically cause failures in optical systems. #### B. Signal Processing ASIC The raw analog signals from the MR sensor are processed by an internal **Application-Specific Integrated Circuit (ASIC)**. This chip performs: 1. **Interpolation:** Increasing the resolution beyond the physical magnetic poles. 2. **Error Correction:** Compensating for minor misalignments between the sensor and the magnetic drum. 3. **Digitization:** Converting analog sine/cosine waves into a binary absolute position. #### C. Communication Interface (SSI) The "TAD" designation typically refers to its communication protocol. It uses **SSI (Synchronous Serial Interface)**, which is a point-to-point connection. * **Clock (MA+/MA-):** The controller sends a clock pulse. * **Data (DA+/DA-):** The encoder shifts out the absolute position data bits in sync with the clock. * **Differential Signaling:** Uses RS-422 standards to ensure high noise immunity over long cable lengths. --- ### 3. Connection Pinout (Typical) While you should always consult the specific datasheet for your serial number, the standard MA62 series wiring usually follows this logic: | Color | Function | Description | | :--- | :--- | :--- | | **Red** | Vcc | +5V Power Supply | | **Black** | GND | 0V Ground | | **Blue/White** | MA+/MA- | Clock Input (Differential) | | **Yellow/Orange**| DA+/DA- | Data Output (Differential) | | **Shield** | Case Ground| Electromagnetic Interference Protection | --- ### 4. Comparison: Magnetic vs. Optical Encoders | Feature | MA62TAD-R (Magnetic) | Standard Optical Encoder | | :--- | :--- | :--- | | **Durability** | High (Immune to condensation/oil) | Low (Disk can shatter or get dirty) | | **Size** | Very Compact | Larger housing usually required | | **Accuracy** | Very High (Close to optical) | Highest possible | | **Life Span** | Long (No LED degradation) | Medium (LED dims over time) |
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for the MA62TAD-R magnetic drum?
    • ⤷ How do I troubleshoot 'Data Error' alarms on an SSI interface?
    • ⤷ What is the maximum RPM supported by the MA62TAD-R series?