Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA64FAA-R

  • AI
    The **MA64FAA-R** is an enterprise-grade hard disk drive (HDD) manufactured by **Toshiba**, specifically belonging to the **MG08 Series**. This drive is designed for high-capacity storage in data centers, cloud-scale infrastructures, and enterprise servers. --- ## 1. Core Technical Specifications The electronics and mechanical design of the MA64FAA-R (often referred to as the MG08ACA16TE) focus on density and reliability. | Feature | Specification | | :--- | :--- | | **Model Number** | MA64FAA-R (MG08ACA16TE) | | **Capacity** | 16 TB | | **Interface** | SATA 6.0 Gbit/s | | **Rotational Speed** | 7,200 RPM | | **Buffer (Cache)** | 512 MiB | | **Form Factor** | 3.5-inch | | **Technology** | Helium-sealed (9-disk design) | --- ## 2. Key Electronic Components & Technologies ### A. Helium-Sealed Technology The electronics operate within a laser-sealed enclosure filled with Helium. Because Helium is much less dense than air, it reduces aerodynamic turbulence on the spinning platters and the actuator arm. This allows for: * **Lower Power Consumption:** Smaller motors are required to spin the platters. * **Higher Density:** More platters can be stacked closer together (9 platters in this model). ### B. StablePlatter Technology Toshiba utilizes specialized electronic sensors and a motor design that minimizes vibrations. The drive employs a tied-spindle motor that secures the motor shaft at both ends, reducing system-induced vibration and improving tracking accuracy for the read/write heads. ### C. Persistent Write Cache (PWC) with Flash One of the most critical electronic features of this series is the **Persistent Write Cache technology**. * **Function:** In the event of a sudden power loss, the drive uses the rotational energy of the spinning platters (back-EMF) to power the electronics long enough to write data from the volatile DRAM cache to a non-volatile flash memory chip on the PCB. * **Benefit:** This prevents data corruption without requiring a dedicated battery backup unit. ### D. Advanced Format (512e) The electronics support **512e (512 emulation)**. While the physical sectors on the disk are 4Kn (4096 bytes) for better error correction and density, the onboard controller emulates 512-byte sectors to ensure compatibility with older legacy systems and RAID controllers. --- ## 3. Performance & Reliability Electronics * **Error Correction Code (ECC):** Integrated high-order ECC ensures data integrity against signal noise. * **RV (Rotational Vibration) Sensors:** The PCB is equipped with multiple sensors that detect external vibrations. The controller uses this data to adjust the head position in real-time, maintaining performance even in high-density server racks where dozens of drives are vibrating simultaneously. * **MTTF:** Rated for 2.5 million hours, supported by an optimized power-management IC. ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption differences between the MG08 series and traditional air-filled drives?
    • ⤷ How does the Persistent Write Cache (PWC) compare to standard write-back caching?
    • ⤷ Is the MA64FAA-R compatible with standard consumer NAS systems?