Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA65FAG-R

  • AI
    The **MA65FAG-R** is a specific electronic component, typically classified as a **Power Transformer** or a **Flyback Transformer** used primarily in AC-DC power conversion applications. It is most commonly found in compact power adapters (such as those for laptops or small electronics) and LED drivers. --- ### 1. Key Technical Specifications The MA65FAG-R is engineered for high-frequency switching environments. Below are the general specifications associated with this part series: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Switching Power Transformer | | **Application** | Flyback Converters / AC-DC Adapters | | **Power Rating** | Approximately 45W - 65W (indicated by "65" in the part number) | | **Input Voltage** | Universal AC (85V - 264V AC) | | **Core Material** | Ferrite (MnZn or NiZn for high frequency) | | **Termination** | Through-hole (THT) pins | --- ### 2. Physical Construction * **Core Type:** Usually utilizes an EFD, EPC, or PQ ferrite core to maintain a low profile while managing heat dissipation. * **Windings:** Includes a primary winding (high voltage side), a secondary winding (low voltage output side), and often an auxiliary winding to power the PWM controller IC. * **Insulation:** Features reinforced insulation (Triple Insulated Wire or "TIW") to meet safety standards like UL and IEC for isolation between the AC mains and the DC output. --- ### 3. Functional Role in a Circuit In a typical circuit layout (such as a 65W USB-C charger), the MA65FAG-R performs three critical functions: 1. **Energy Storage:** During the "ON" time of the switching transistor (MOSFET), energy is stored in the transformer's magnetic field. 2. **Voltage Transformation:** It steps down the high-voltage rectified DC (approx. 310V-400V) to a usable low voltage (e.g., 5V, 12V, or 19V). 3. **Galvanic Isolation:** It provides a safety barrier, ensuring the user is not exposed to the dangerous AC line voltages. --- ### 4. Common Troubleshooting Signs If this part fails in an electronic device, you might observe the following: * **Audible Whining:** High-pitched noise indicating a loose core or a frequency mismatch in the switching circuit. * **Discoloration:** Darkening of the yellow tape/insulation, suggesting overheating. * **Open Circuit:** A break in the fine copper wire windings, resulting in zero output voltage. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the MA65FAG-R?
    • ⤷ Which PWM controller ICs are most compatible with this transformer?
    • ⤷ Can this transformer be used for GaN-based fast chargers?