Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA65TCG-R

  • AI
    The **MA65TCG-R** is a high-performance, compact AC/DC power adapter, typically designed for modern consumer electronics like laptops, smartphones, and tablets. It is part of the "GaN" (Gallium Nitride) generation of power supplies, known for high efficiency and high power density. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the MA65TCG-R: | Specification | Details | | :--- | :--- | | **Max Power Output** | 65 Watts | | **Input Voltage** | 100-240V AC (Universal) | | **Output Interface** | USB Type-C | | **Technology** | GaN (Gallium Nitride) Semiconductors | | **Fast Charging Protocols** | PD 3.0 (Power Delivery), QC 4.0+, PPS | | **Housing** | Compact, Flame-Retardant Plastic | --- ### 2. Internal Electronic Components The "magic" of the MA65TCG-R lies in its internal circuitry, which allows it to remain small while handling high currents. #### A. GaN Power IC Unlike older silicon-based chargers, this unit uses **Gallium Nitride (GaN)** transistors. * **Benefits:** Faster switching speeds and lower resistance. * **Result:** Less energy is wasted as heat, allowing the electronic components to be packed closer together in a smaller casing. #### B. Flyback Controller & PWM The internal controller manages **Pulse Width Modulation (PWM)** to step down the high-voltage AC to low-voltage DC. It uses high-frequency switching to ensure the transformer remains small. #### C. Power Delivery (PD) Controller This is a logic chip that "communicates" with the connected device (e.g., a MacBook or a Samsung phone). * It negotiates the optimal voltage (5V, 9V, 15V, or 20V). * It monitors temperature and current to prevent overcharging. #### D. Protection Circuitry To ensure safety, the internal board includes: 1. **OCP (Over Current Protection):** Shuts down if the device draws too much power. 2. **OVP (Over Voltage Protection):** Prevents spikes from damaging the device. 3. **OTP (Over Temperature Protection):** Throttles power if the internal components get too hot. --- ### 3. Comparison: GaN vs. Traditional Silicon | Feature | Traditional (Silicon) | MA65TCG-R (GaN) | | :--- | :--- | :--- | | **Size** | Large / Bulky | Ultra-Compact | | **Heat Dissipation** | High | Low | | **Efficiency** | ~85-88% | >92% | | **Weight** | Heavier | Lightweight |
    ✨ Follow-up Questions
    • ⤷ What is the maximum output voltage supported by the MA65TCG-R?
    • ⤷ Is this power adapter compatible with laptops that require 45W?
    • ⤷ How does Gallium Nitride reduce the size of the internal transformer?